Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3050M Arkusz danych(PDF) 11 Page - Sony Corporation

Numer części CXA3050M
Szczegółowy opis  NICAM and SMATV RF MODULATOR/PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3050M Arkusz danych(HTML) 11 Page - Sony Corporation

Back Button CXA3050M Datasheet HTML 7Page - Sony Corporation CXA3050M Datasheet HTML 8Page - Sony Corporation CXA3050M Datasheet HTML 9Page - Sony Corporation CXA3050M Datasheet HTML 10Page - Sony Corporation CXA3050M Datasheet HTML 11Page - Sony Corporation CXA3050M Datasheet HTML 12Page - Sony Corporation CXA3050M Datasheet HTML 13Page - Sony Corporation CXA3050M Datasheet HTML 14Page - Sony Corporation CXA3050M Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
– 11 –
CXA3050M
Parameter
Condition
Min.
Input resistance
Input voltage
% Modulation Clipping
I2C control index
Modulation flatness
Modulation
Modulation stability by temperature
Field time distortion
Line time distortion
S/N
K Factor
Video frequency response
80% Modulation
7 steps
Band Limited (46CH to 60CH)
0.55p-p input (mod Adja)
mp (Ta = –10 to 80°C)
–mp (Ta = 25°C)
Weighted
With 2T pulse
Per standard
100
0.55
2
80
0.5
0.5
97
±0.4
±1.4
87
±3
2
2
–60
2
±0.5
30
73
0
0
0
K
Vp-p
%
%
%
%
%
IRE
IRE
dB
%
dB
Typ.
Max.
Unit
Video Characteristics
Parameter
Condition
Min.
Input voltage
Input resistance
Deviation range
Audio distribution
Deviation sensitivity
Audio SNR
Harmonic distortion
Frequency response
FM Hum and noise
@50kHz, Deviation
4.5MHz
System M
4.5MHz ± 25kHz = 100% = 0dB
System B/G
5.5MHz ± 50kHz = 100% = 0dB
System I
6MHz ± 50kHz = 100% = 0dB
System D/K
6.5MHz ± 50kHz = 100% = 0dB
Quasi-Parallel, Detection
50 to 100%, Deviation
50 to 15kHz
25 to 75kHz, Deviation
0
0.5
0.33
0.404
0.404
±100
±15
–60
1
+1
±5
0.1
20
±10
–1
Vp-p
K
kHz
%
kHz/mV
kHz/mV
kHz/mV
kHz/mV
dB
%
dB
kHz
Typ.
Max.
Unit
Audio Characteristics


Podobny numer części - CXA3050M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V40E8 CREE-CXA3050-0000-000N00V40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427F CREE-CXA3050-0000-000N00V427F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427H CREE-CXA3050-0000-000N00V427H Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00W20E6 CREE-CXA3050-0000-000N00W20E6 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Podobny opis - CXA3050M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
   TV RF MODULATOR/PLL
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
   BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
Panasonic Semiconductor
AN3117S PANASONIC-AN3117S Datasheet
71Kb / 7P
   RF modulator IC for VCR and VDP
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com