Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3067M Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części CXA3067M
Szczegółowy opis  Wide Band FSK Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3067M Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button CXA3067M Datasheet HTML 6Page - Sony Corporation CXA3067M Datasheet HTML 7Page - Sony Corporation CXA3067M Datasheet HTML 8Page - Sony Corporation CXA3067M Datasheet HTML 9Page - Sony Corporation CXA3067M Datasheet HTML 10Page - Sony Corporation CXA3067M Datasheet HTML 11Page - Sony Corporation CXA3067M Datasheet HTML 12Page - Sony Corporation CXA3067M Datasheet HTML 13Page - Sony Corporation CXA3067M Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
—10—
CXA3067M
Vin1
Vout1
GV=Vout1/Vin1 (RFamp voltage gain)
GV=Vout2/Vin2 (REFOSC loop gain)
5V
Vin2
Vout2
22
21
20
19
18
17
27
26
23
16
29
28
30
25
24
8
9
1
2
10
11
12
13
14
15
6
5
4
7
3
Vout1
8
9
1
2
10
11
12
13
14
15
6
5
4
7
3
22
21
20
19
18
17
27
26
23
16
29
28
30
25
24
5V
Vin
GV=Vout2/Vout1
fref
3.3n
27k 30n
51k
100p
L2
Vout2
10n
330
10n
Measurement circuit 3
Measurement circuit 4
L1
L2
Wire
diameter
0.5
0.5
Coil
diameter
3
φ
3.8
φ
Number of
windings
1.5 T
6.5 T
Measurement : RFamp voltage gain
: REFOSC loop gain
Measurement : Mixer voltage gain


Podobny numer części - CXA3067M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
More results

Podobny opis - CXA3067M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com