Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3068 Arkusz danych(PDF) 11 Page - Sony Corporation

Numer części CXA3068
Szczegółowy opis  L-band Down Converter for Satellite Tuner
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3068 Arkusz danych(HTML) 11 Page - Sony Corporation

Back Button CXA3068 Datasheet HTML 3Page - Sony Corporation CXA3068 Datasheet HTML 4Page - Sony Corporation CXA3068 Datasheet HTML 5Page - Sony Corporation CXA3068 Datasheet HTML 6Page - Sony Corporation CXA3068 Datasheet HTML 7Page - Sony Corporation CXA3068 Datasheet HTML 8Page - Sony Corporation CXA3068 Datasheet HTML 9Page - Sony Corporation CXA3068 Datasheet HTML 10Page - Sony Corporation CXA3068 Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
16PIN SSOP (PLASTIC)
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER / PALLADIUM
COPPER / 42 ALLOY
0.1g
SSOP-16P-L01
SSOP016-P-0044
∗5.0 ± 0.1
0.65 ± 0.12
0.22 – 0.05
+ 0.1
8
1
9
16
0.1 ± 0.1
0° to 10°
0.15 – 0.02
+ 0.05
1.25 – 0.1
+ 0.2
A
DETAIL A
0.1
PLATING
NOTE: Dimension “
∗” does not include mold protrusion.
Package Outline
Unit : mm
CXA3068N
—11—


Podobny numer części - CXA3068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3067 SONY-CXA3067 Datasheet
386Kb / 24P
   Wide Band FSK Receiver
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
CXA3067M SONY-CXA3067M Datasheet
386Kb / 24P
   Wide Band FSK Receiver
More results

Podobny opis - CXA3068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Mitel Networks Corporat...
SL2015 MITEL-SL2015 Datasheet
181Kb / 17P
   Full Band Satellite Tuner
SL2017 MITEL-SL2017 Datasheet
190Kb / 17P
   Full Band Satellite Tuner
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
   L-Band Down-Converter for DAB Receivers
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
   L-band Down-converter for DAB Receivers
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com