Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3086 Arkusz danych(PDF) 9 Page - Sony Corporation

Numer części CXA3086
Szczegółowy opis  6-bit 140MSPS Flash A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3086 Arkusz danych(HTML) 9 Page - Sony Corporation

Back Button CXA3086 Datasheet HTML 5Page - Sony Corporation CXA3086 Datasheet HTML 6Page - Sony Corporation CXA3086 Datasheet HTML 7Page - Sony Corporation CXA3086 Datasheet HTML 8Page - Sony Corporation CXA3086 Datasheet HTML 9Page - Sony Corporation CXA3086 Datasheet HTML 10Page - Sony Corporation CXA3086 Datasheet HTML 11Page - Sony Corporation CXA3086 Datasheet HTML 12Page - Sony Corporation CXA3086 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
– 9 –
CXA3086Q
Electrical Characteristics Measurement Circuit
Current Consumption Measurement Circuit
VRT
VIN
VRB
AVCC
DVCC1
DVCC2
DGND3
DGND2
DGND1
AGND
CLK/E
DVEE3
A
A
5MHz PECL
4V
1.95V
2V
5V
5V
Icc
IEE
Integral Linearity Error Measurement Circuit
Differential Linearity Error Measurement Circuit
CXA3086Q
A < B A > B
Comparator
A6
to
A1
A0
B6
to
B1
B0
Buffer
Controller
DVM
6
6
“1”
“0”
00···0
to
11···0
VIN
+V
–V
S2
S1
S1: ON when A < B
S2: ON when A > B
Sampling Delay Measurement Circuit
Aperture Jitter Measurement Circuit
CXA3086Q
OSC1
φ: Variable
OSC2
Logic
Analizer
100MHz
100MHz
Amp
ECL
Buffer
CLK
VIN
6
fr
1024
samples
Aperture Jitter Measurement Method
VIN
σ (LSB)
CLK
VIN
CLK
∆υ
∆ t
VRT
VRB
33
32
31
30
29
Sampling timing fluctuation
(= aperture jitter)
Error Rate Measurement Circuit
Comparator
A > B
Pulse
Counter
CXA3086Q
Signal
Source
Latch
Latch
1/8
+
Signal
Source
– 1kHz
FC
4
2Vp-p Sin Wave
FC
VIN
CLK
CLK
6
4LSB
A
B
Where
σ (LSB) is the deviation of the output codes when
the largest slew rate point is sampled at the clock which
has exactly the same frequency as the analog input
signal, the aperture jitter Taj is:
Taj =
σ/
=
σ/ (
)
∆t
∆υ
2
64
× 2πf


Podobny numer części - CXA3086

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Podobny opis - CXA3086

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com