Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3092N Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA3092N
Szczegółowy opis  4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3092N Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA3092N Datasheet HTML 1Page - Sony Corporation CXA3092N Datasheet HTML 2Page - Sony Corporation CXA3092N Datasheet HTML 3Page - Sony Corporation CXA3092N Datasheet HTML 4Page - Sony Corporation CXA3092N Datasheet HTML 5Page - Sony Corporation CXA3092N Datasheet HTML 6Page - Sony Corporation CXA3092N Datasheet HTML 7Page - Sony Corporation CXA3092N Datasheet HTML 8Page - Sony Corporation CXA3092N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
—3—
CXA3092N
Pin Description
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
Symbol
GND
H0X
H0Y
H1X
H1Y
H2X
H2Y
H3X
H3Y
VCC
WUS/SE
WDY
WDX
Equivalent circuit
2k
2k
VCC
GND
2
4
6
8
3
5
7
9
Description
Head.
4 channels provided.
5 V power supply.
Write unsafe detection output /
Servo Enable signal input.
Differential P-ECL write data
input.
VCC
GND
11
VCC
GND
12
13


Podobny numer części - CXA3092N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

Podobny opis - CXA3092N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com