Zakładka z wyszukiwarką danych komponentów |
|
TPA2011D1 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
TPA2011D1 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 24 page TPA2011D1 SLOS626A – DECEMBER 2009 – REVISED MAY 2010 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION TA PACKAGED DEVICES(1) PART NUMBER(2) SYMBOL TPA2011D1YFFR OEW —40°C to 85°C 9-ball WSCP TPA2011D1YFFT OEW (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at www.ti.com (2) The YFF package is only available taped and reeled. The suffix "R" indicates a reel of 3000, the suffix "T" indicates a reel of 250. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range, TA = 25°C (unless otherwise noted) (1) VALUE UNIT In active mode –0.3 to 6 V VDD, PVDD Supply voltage In shutdown mode –0.3 to 6 V VI Input voltage EN, IN+, IN– –0.3 to VDD + 0.3 V RL Minimum load resistance 3.2 Ω Output continuous total power dissipation See Dissipation Rating Table TA Operating free-air temperature range –40 to 85 °C TJ Operating junction temperature range –40 to 150 °C Tstg Storage temperature range –65 to 85 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability. DISSIPATION RATINGS PACKAGE DERATING FACTOR(1) TA < 25°C TA = 70°C TA = 85°C YFF (WCSP) 4.2 mW/°C 525 mW 336 mW 273 mW (1) Derating factor measure with high K board. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VDD Class-D supply voltage 2.5 5.5 V VIH High-level input voltage EN 1.3 V VIL Low-level input voltage EN 0.35 V RI Input resistor Gain ≤ 20 V/V (26 dB) 15 k Ω VIC Common mode input voltage range VDD = 2.5V, 5.5V, CMRR ≥ 49 dB 0.75 VDD-1.1 V TA Operating free-air temperature –40 85 °C 2 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s) :TPA2011D1 |
Podobny numer części - TPA2011D1_12 |
|
Podobny opis - TPA2011D1_12 |