Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3179N Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3179N
Szczegółowy opis  IF Amplifier for M-ary FSK Pagers (AFC Supported)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3179N Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3179N Datasheet HTML 1Page - Sony Corporation CXA3179N Datasheet HTML 2Page - Sony Corporation CXA3179N Datasheet HTML 3Page - Sony Corporation CXA3179N Datasheet HTML 4Page - Sony Corporation CXA3179N Datasheet HTML 5Page - Sony Corporation CXA3179N Datasheet HTML 6Page - Sony Corporation CXA3179N Datasheet HTML 7Page - Sony Corporation CXA3179N Datasheet HTML 8Page - Sony Corporation CXA3179N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
—1—
E96Y06A8Z
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings
• Supply voltage
VCC
7.0
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
417
mW
Operating Condition
Supply voltage
VCC
1.1 to 4.0
V
Description
The CXA3179N is a low current consumption FM
IF amplifier which employs the newest bipolar
process. It is suitable for M-ary FSK pagers using
AFC.
Features
• Low current consumption : 1.1 mA
(typ. at VCC=1.4 V)
• Low voltage operation : VCC=1.1 to 4.0 V
• Small package 24-pin SSOP
• Second mixer and oscillator
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier
and comparator
• Bit rate filter with variable cut-off
• AFC current output circuit
• RSSI function
• IF input, VCC standard
• Maximum input frequency : 30 MHz
Applications
• M-ary FSK pagers
• Double conversion pagers
Structure
Bipolar silicon monolithic IC
Block Diagram and Pin Configuration
IF Amplifier for M-ary FSK Pagers (AFC Supported)
24 pin SSOP (Plastic)
CXA3179N
OSC
MIX
REG
LVA
IF_LIM
AFC
QUAD_DET
RSSI
FILTER
GND
LEVEL
COMP
20
19
18
17
16
15
14
13
24
23
22
21
1
2
3
4
5
6
7
8
9
12
11
10


Podobny numer części - CXA3179N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3179N SONY-CXA3179N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Podobny opis - CXA3179N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3176N SONY-CXA3176N Datasheet
317Kb / 21P
   IF Amplifier for FM Receiver (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com