Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3197 Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3197
Szczegółowy opis  10-bit 125MSPS D/A Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3197 Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3197 Datasheet HTML 1Page - Sony Corporation CXA3197 Datasheet HTML 2Page - Sony Corporation CXA3197 Datasheet HTML 3Page - Sony Corporation CXA3197 Datasheet HTML 4Page - Sony Corporation CXA3197 Datasheet HTML 5Page - Sony Corporation CXA3197 Datasheet HTML 6Page - Sony Corporation CXA3197 Datasheet HTML 7Page - Sony Corporation CXA3197 Datasheet HTML 8Page - Sony Corporation CXA3197 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
10-bit 125MSPS D/A Converter
Description
The CXA3197R is a high-speed D/A converter
which can perform multiplexed input of two system
10-bit data.
This IC realizes a maximum conversion rate
of
125MSPS. Multiplexed operation is possible by
inputing the 1/2 frequency-divided clock or by halving
the frequency of the clock internally with the clock
frequency divider circuit having the reset pin. The
data input is at TTL level, and the clock input and
reset input can select either TTL or PECL level
according to the application.
Features
• Maximum conversion rate:
During PECL operation: 125MSPS
During TTL operation:
100MSPS
• Resolution: 10 bits
• Low power consumption: 480mW (typ.)
• Data input level: TTL
• Clock, reset input level: TTL and PECL compatible
• 2:1 multiplexed input function
• 1/2 frequency-divided clock output possible by the
built-in clock frequency divider circuit
• Voltage output (50
Ω load drive possible)
• Single power supply or ±dual power supply operation
• Reset signal polarity switching function
Pin Configuration
Structure
Bipolar silicon monolithic IC
Applications
• LCD
• DDS
• HDTV
• Communications (QPSK, QAM)
• Measuring devices
– 1 –
E97639-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3197R
48 pin LQFP (Plastic)
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
36 35 34
31
32
33
40
39
38
37
41
42
43
44
45
46
47
48
2
3
4
5
6
7
8
9 10 11 12
1
DB3
DB2
DB1
DB0 (LSB)
DIV2IN
DIV2OUT
CLK/T
CLKP/E
CLKN/E
RESET/T
RESETP/E
RESETN/E
DA6
DA7
DA8
(MSB) DA9
DGND1
N.C.
DVCC1
PS
INV
R POLARITY
VOCLP
AGND2
LEAD TREATMENT: PALLADIUM PLATING


Podobny numer części - CXA3197

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3199 SONY-CXA3199 Datasheet
161Kb / 11P
   Wideband Pre-amplifier
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
More results

Podobny opis - CXA3197

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
   10-Bit, 125MSPS, Low-Power D/A Converters
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com