Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3218N Arkusz danych(PDF) 7 Page - Sony Corporation

Numer części CXA3218N
Szczegółowy opis  FM Demodulator for BS/CS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3218N Arkusz danych(HTML) 7 Page - Sony Corporation

Back Button CXA3218N Datasheet HTML 3Page - Sony Corporation CXA3218N Datasheet HTML 4Page - Sony Corporation CXA3218N Datasheet HTML 5Page - Sony Corporation CXA3218N Datasheet HTML 6Page - Sony Corporation CXA3218N Datasheet HTML 7Page - Sony Corporation CXA3218N Datasheet HTML 8Page - Sony Corporation CXA3218N Datasheet HTML 9Page - Sony Corporation CXA3218N Datasheet HTML 10Page - Sony Corporation CXA3218N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
—7—
CXA3218N
Electrical Characteristics
DC Characteristics
(Ta=25 °C, VCC=5 V, See the Electrical Characteristics Measurement Circuit.)
1
2-1
2-2
3-1
3-2
4-1
4-2
5
6
7
8
Item
Current consumption
AGC-1 High output voltage
AGC-1 Low output voltage
AGC-2 High output voltage
AGC-2 Low output voltage
AGC-MTRX High
output voltage
AGC-MTRX Low
output voltage
VCODR 1/2 output voltage
VCODR 1/2 driver
current capacitance
VREG output voltage
SH 1/2 leak current
Pin
2
29
29
30
30
1
1
16, 17
16, 17
8
14, 15
Symbol
ICC
VAGC1H
VAGC1L
VAGC2H
VAGC2L
VMTRH
VMTRL
VVCD
IVCD
VREG
ISH
Conditions
When no signal input
Vin=–60 dBm,
Pin 26=3.0 V, Pin 27=2.5 V
Vin=–10 dBm
Pin 26=3.0 V, Pin 27=2.5 V
Vin=–10 dBm, Pin 26=3.0 V
Vin=–60 dBm, Pin 26=3.0 V
Vin=–10 dBm,
Pin 26=3.0 V, Pin 27=2.5 V
Vin=–60 dBm,
Pin 26=3.0 V, Pin 27=2.5 V
400 MHz input
Load resistance RL=1 k
KEYEDIN=0.5 V
Min.
Typ.
Max.
Unit
65
80
95
mA
3.0
3.5
3.7
0.1
0.3
1.0
2.6
2.9
3.2
1.5
2
2.4
V
3.0
3.5
3.7
1.5
2.3
2.7
2.0
2.5
3.0
2.0
2.5
3
mA
3.9
4.15
4.4
V
0
0.3
0.7
µA
AC Characteristics (AGC)
(Ta=25 °C, VCC=5 V, See the Electrical Characteristics Measurement Circuit.)
11
12
13
14
15
16
17
18
Item
IF input frequency
IF input level
1st AGC change point
(input level)
1st AGC control sensitivity
1st AGC adjustment
sensitivity
2nd AGC control sensitivity
2nd AGC adjustment
sensitivity
AGC-MTRX control
sensitivity
Pin
3, 4
3, 4
29
29
29
30
30
1
Symbol
fin
Vin
AGC1
∆ AGC
AGC1/V
∆ AGC2
AGC2/V
∆ MTRX
Conditions
One amplitude for balance
input
Pin 26=2.5 V, Pin 27=2.5 V
Slope of variation
Variation of change point/
Pin 27 DC variation
Slope of variation
Variation of change point/
Pin 26 DC variation
Slope of variation
Min.
Typ.
Max.
Unit
400
MHz
–60
–10
dBm
–45
–0.8
V/dB
42
dB/V
18
24
30
mV/dB
3
11
18
dB/V
0.3
V/dB


Podobny numer części - CXA3218N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3219M SONY-CXA3219M Datasheet
205Kb / 15P
   UHF-Band RF Modulator for VCR
More results

Podobny opis - CXA3218N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
   FM demodulation IC for BS/CS broadcasting
logo
Sanyo Semicon Device
LV5636VH SANYO-LV5636VH Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
   Down Converter for BS/CS Tuner IC
logo
Renesas Technology Corp
M62260FP RENESAS-M62260FP Datasheet
2Mb / 7P
   CS/BS CONVERTER DRIVER IC
HVU316 RENESAS-HVU316 Datasheet
144Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
HVD316 RENESAS-HVD316 Datasheet
61Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
   DOWN COVERTER FOR BS/CS TUNER IC
logo
Hitachi Semiconductor
HVU316 HITACHI-HVU316 Datasheet
27Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Sanyo Semicon Device
LV5636VG SANYO-LV5636VG Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com