Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3256R Arkusz danych(PDF) 6 Page - Sony Corporation

Numer części CXA3256R
Szczegółowy opis  8-bit 120MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3256R Arkusz danych(HTML) 6 Page - Sony Corporation

Back Button CXA3256R Datasheet HTML 2Page - Sony Corporation CXA3256R Datasheet HTML 3Page - Sony Corporation CXA3256R Datasheet HTML 4Page - Sony Corporation CXA3256R Datasheet HTML 5Page - Sony Corporation CXA3256R Datasheet HTML 6Page - Sony Corporation CXA3256R Datasheet HTML 7Page - Sony Corporation CXA3256R Datasheet HTML 8Page - Sony Corporation CXA3256R Datasheet HTML 9Page - Sony Corporation CXA3256R Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
– 6 –
CXA3256R
Pin
No.
15
CLK/T
Clock input.
46
RESETN/T
TTL
TTL
Vcc
or
GND
Reset signal input.
When left open, this pin goes to high
level. When set to low level, the
built-in CLK frequency divider circuit
can be reset.
44
INV
Data output polarity inversion input.
When left open, this input goes to
high level.
(See Table 1. I/O Correspondence
Table.)
45
SELECT1
Data output mode selection.
(See Table 2. Operation Mode
Table.)
Symbol
Standard
voltage level
Equivalent circuit
Description
15 46
DVCC1
DGND1
DVEE3
44
45
or
,
1.5V
I
I
I
I/O
Clock input.
CLK/E complementary input.
When left open, this pin goes to the
threshold voltage.
Only CLK/E can be used for
operation, but complementary inputs
are recommended to attain fast and
stable operation.
Reset signal input.
When set to low level, the built-in
CLK frequency divider circuit can be
reset.
RESETN/E complementary input.
When left open, this pin goes to the
threshold voltage. Only RESETN/E
can be used for operation.
ECL/
PECL
TTL
13
14
48
47
CLK/E
CLKN/E
RESETN/E
RESET/E
I
Power saving.
When left open, this pin goes to high
level.
When set to low level, the power
saving state is established.
18
PS
I
I
I
I
13
14
48
47
DGND3
DVEE3
DVCC1
DGND1
18


Podobny numer części - CXA3256R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
More results

Podobny opis - CXA3256R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com