Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB3EZ30 Arkusz danych(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Numer części SMB3EZ30
Szczegółowy opis  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Strona internetowa  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMB3EZ30 Arkusz danych(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMB3EZ30 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMB3EZ30 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMB3EZ30 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd SMB3EZ30 Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMB3EZ6.8 THRU SMB3EZ100
2 of 4
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
m
u
m
i
x
a
M
e
s
r
e
v
e
R
.
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
e
g
a
k
c
a
P
V Z @IZT
ZZT @IZT
IZT
ZZK @IZK
IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
s
m
h
O
A
m
s
m
h
O
A
m
µA
V
s
e
d
o
i
D
r
e
n
e
Z
tt
a
w
0
.
3
8
.
6
Z
E
3
B
M
S
8
.
6
6
4
.
6
4
1
.
7
2
0
.
0
1
1
0
0
7
0
0
.
1
0
0
.
5
0
0
.
4
36
0
0
B
M
S
5
.
7
Z
E
3
B
M
S
5
.
7
3
1
.
7
8
8
.
7
2
0
.
0
0
1
0
0
7
0
5
.
0
0
0
.
5
0
0
.
5
37
0
0
B
M
S
2
.
8
Z
E
3
B
M
S
2
.
8
9
7
.
7
1
6
.
8
2
0
.
1
9
0
0
7
0
5
.
0
0
0
.
5
0
0
.
6
38
0
0
B
M
S
7
.
8
Z
E
3
B
M
S
7
.
8
7
2
.
8
4
1
.
9
2
0
.
5
8
0
0
7
0
5
.
0
0
0
.
4
0
6
.
6
38
A
0
B
M
S
1
.
9
Z
E
3
B
M
S
1
.
9
5
6
.
8
6
5
.
9
3
0
.
2
8
0
0
7
0
5
.
0
0
0
.
3
0
0
.
7
39
0
0
B
M
S
0
1
Z
E
3
B
M
S
0
1
0
5
..
9
0
5
.
0
1
4
0
.
5
7
0
0
7
5
2
.
0
0
0
.
3
0
6
.
7
30
1
0
B
M
S
1
1
Z
E
3
B
M
S
1
1
5
4
.
0
1
5
5
.
1
1
4
0
.
8
6
0
0
7
5
2
.
0
0
0
.
1
0
4
.
8
31
1
0
B
M
S
2
1
Z
E
3
B
M
S
2
1
0
4
.
1
1
0
6
.
2
1
5
0
.
3
6
0
0
7
5
2
.
0
0
0
.
1
0
1
.
9
32
1
0
B
M
S
3
1
Z
E
3
B
M
S
3
1
5
3
.
2
1
5
6
.
3
1
5
0
.
8
5
0
0
7
5
2
.
0
0
5
.
0
0
9
.
9
33
1
0
B
M
S
4
1
Z
E
3
B
M
S
4
1
0
3
.
3
1
0
7
.
4
1
6
0
.
3
5
0
0
7
5
2
.
0
0
5
.
0
0
6
.
0
1
34
1
0
B
M
S
5
1
Z
E
3
B
M
S
5
1
5
2
.
4
1
5
7
.
5
1
7
0
.
0
5
0
0
7
5
2
.
0
0
5
.
0
0
4
.
1
1
35
1
0
B
M
S
6
1
Z
E
3
B
M
S
6
1
0
2
.
5
1
0
8
.
6
1
8
0
.
7
4
0
0
7
5
2
.
0
0
5
.
0
0
2
.
2
1
36
1
0
B
M
S
7
1
Z
E
3
B
M
S
7
1
5
1
.
6
1
5
8
.
7
1
9
0
.
4
4
0
5
7
5
2
.
0
0
5
.
0
0
0
.
3
1
37
1
0
B
M
S
8
1
Z
E
3
B
M
S
8
1
0
1
.
7
1
0
9
.
8
1
0
1
0
.
2
4
0
5
7
5
2
.
0
0
5
.
0
0
7
.
3
1
38
1
0
B
M
S
9
1
Z
E
3
B
M
S
9
1
5
0
.
8
1
5
9
.
9
1
1
1
0
.
0
4
0
5
7
5
2
.
0
0
5
.
0
0
4
.
4
1
39
1
0
B
M
S
0
2
Z
E
3
B
M
S
0
2
0
0
.
9
1
0
0
.
1
2
1
1
0
.
7
3
0
5
7
5
2
.
0
0
5
.
0
0
2
.
5
1
30
2
0
B
M
S
2
2
Z
E
3
B
M
S
2
2
0
9
.
0
2
0
1
.
3
2
2
1
0
.
4
3
0
5
7
5
2
.
0
0
5
.
0
0
7
.
6
1
32
2
0
B
M
S
4
2
Z
E
3
B
M
S
4
2
0
8
.
2
2
0
2
.
5
2
3
1
0
.
1
3
0
5
7
5
2
.
0
0
5
.
0
0
2
.
8
1
34
2
0
B
M
S
5
2
Z
E
3
B
M
S
5
2
5
7
.
3
2
5
2
.
6
2
4
1
0
.
0
3
0
5
7
5
2
.
0
0
5
.
0
0
0
.
9
1
35
2
0
B
M
S
7
2
Z
E
3
B
M
S
7
2
5
6
.
5
2
5
3
.
8
2
8
1
0
.
8
2
0
5
7
5
2
.
0
0
5
.
0
0
6
.
0
2
37
2
0
B
M
S
8
2
Z
E
3
B
M
S
8
2
0
6
.
6
2
0
4
.
9
2
8
1
0
.
7
2
0
5
7
5
2
.
0
0
5
.
0
0
3
.
1
2
38
2
0
B
M
S
0
3
Z
E
3
B
M
S
0
3
0
5
.
8
2
0
5
.
1
3
0
2
0
.
5
2
0
0
0
1
5
2
.
0
0
5
.
0
0
5
.
2
2
30
3
0
B
M
S
3
3
Z
E
3
B
M
S
3
3
5
3
.
1
3
5
6
.
4
3
3
2
0
.
3
2
0
0
0
1
5
2
.
0
0
5
.
0
0
1
.
5
2
33
3
0
B
M
S
6
3
Z
E
3
B
M
S
6
3
0
2
.
4
3
0
8
.
7
3
5
2
0
.
1
2
0
0
0
1
5
2
.
0
0
5
.
0
0
4
.
7
2
36
3
0
B
M
S
9
3
Z
E
3
B
M
S
9
3
5
0
.
7
3
5
9
.
0
4
0
3
0
.
9
1
0
0
0
1
5
2
.
0
0
5
.
0
0
7
.
9
2
39
3
0
B
M
S
3
4
Z
E
3
B
M
S
3
4
5
8
.
0
4
5
1
.
5
4
5
3
0
.
7
1
0
0
5
1
5
2
.
0
0
5
.
0
0
7
.
2
3
33
4
0
B
M
S
7
4
Z
E
3
B
M
S
7
4
5
6
.
4
4
5
3
.
9
4
0
4
0
.
6
1
0
0
5
1
5
2
.
0
0
5
.
0
0
7
.
5
3
37
4
0
B
M
S
1
5
Z
E
3
B
M
S
1
5
5
4
.
8
4
5
5
.
3
5
8
4
0
.
5
1
0
0
5
1
5
2
.
0
0
5
.
0
0
8
.
8
3
31
5
0
B
M
S
6
5
Z
E
3
B
M
S
6
5
0
2
.
3
5
0
8
.
8
5
5
5
0
.
3
1
0
0
0
2
5
2
.
0
0
5
.
0
0
6
.
2
4
36
5
0
B
M
S
0
6
Z
E
3
B
M
S
0
6
0
0
.
7
5
0
0
.
3
6
8
5
5
.
2
1
0
0
0
2
5
2
.
0
0
5
.
0
0
6
.
5
4
30
6
0
B
M
S
2
6
Z
E
3
B
M
S
2
6
0
9
.
8
5
0
1
.
5
6
0
6
0
.
2
1
0
0
0
2
5
2
.
0
0
5
.
0
0
1
.
7
4
32
6
0
B
M
S
8
6
Z
E
3
B
M
S
8
6
0
6
.
4
6
0
4
.
1
7
5
7
0
.
1
1
0
0
0
2
5
2
.
0
0
5
.
0
0
7
.
1
5
38
6
0
B
M
S
5
7
Z
E
3
B
M
S
5
7
5
2
.
1
7
5
7
.
8
7
0
9
0
.
0
1
0
0
0
2
5
2
.
0
0
5
.
0
0
0
.
6
5
35
7
0
B
M
S
2
8
Z
E
3
B
M
S
2
8
0
9
.
7
7
0
1
.
6
8
0
0
1
1
.
9
0
0
0
3
5
2
.
0
0
5
.
0
0
2
.
2
6
32
8
0
B
M
S
7
8
Z
E
3
B
M
S
7
8
5
6
.
2
8
5
3
.
1
9
0
2
1
5
.
8
0
0
0
3
5
2
.
0
0
5
.
0
0
1
.
6
6
37
8
0
B
M
S
1
9
Z
E
3
B
M
S
1
9
5
4
.
6
8
5
5
.
5
9
5
2
1
2
.
8
0
0
0
3
5
2
.
0
0
5
.
0
0
2
.
9
6
31
9
0
B
M
S
0
0
1
Z
E
3
B
M
S
0
0
1
0
0
.
5
9
0
0
.
5
0
1
5
7
1
5
.
7
0
0
0
3
5
2
.
0
0
5
.
0
0
0
.
6
7
30
0
1
B
M
S
6.8V-100V
7.5mA-110mA


Podobny numer części - SMB3EZ30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SMB3EZ30D5 SECOS-SMB3EZ30D5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Micro Commercial Compon...
SMB3EZ30D5 MCC-SMB3EZ30D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Anova Technologies CO.,...
SMB3EZ30D5 ANOVA-SMB3EZ30D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ30D5;3C0;SMB ANOVA-SMB3EZ30D5;3C0;SMB Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

Podobny opis - SMB3EZ30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com