Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3299TN Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3299TN
Szczegółowy opis  Wideband Pre-amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3299TN Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3299TN Datasheet HTML 1Page - Sony Corporation CXA3299TN Datasheet HTML 2Page - Sony Corporation CXA3299TN Datasheet HTML 3Page - Sony Corporation CXA3299TN Datasheet HTML 4Page - Sony Corporation CXA3299TN Datasheet HTML 5Page - Sony Corporation CXA3299TN Datasheet HTML 6Page - Sony Corporation CXA3299TN Datasheet HTML 7Page - Sony Corporation CXA3299TN Datasheet HTML 8Page - Sony Corporation CXA3299TN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
—1—
E98Z30-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
6V
• Operating temperature
Topr
–20 to +70
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation (on board)
PD
1000
mW
Operating Conditions
Supply voltage
VCC
3.2 to 5.5
V
Description
The CXA3299TN is a wideband Pre-amplifier for
VTR head.
Features
• Operate on single +3.3 V power supply
• Low power consumption
Read : 58 mW
• Ultra small package
• Wideband (–3 dB) : 160 MHz (typ)
• Read amplifier emitter follower output featuring
380 times gain (typ).
• Low input capacitance : 3.0 pF
• Low input noise : 0.65 nV /
√ Hz
Structure
Bipolar silicon monolithic IC
Wideband Pre-amplifier
10 pin TSSOP (Plastic)
CXA3299TN
Block Diagram and Pin Configuration
NC
HX
HY
GND
NC
RDY
RDX
VCC
NC
NC
AMP
1
2
3
4
5
10
9
8
7
6


Podobny numer części - CXA3299TN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Podobny opis - CXA3299TN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com