Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3503R Arkusz danych(PDF) 4 Page - Sony Corporation

Numer części CXA3503R
Szczegółowy opis  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3503R Arkusz danych(HTML) 4 Page - Sony Corporation

  CXA3503R Datasheet HTML 1Page - Sony Corporation CXA3503R Datasheet HTML 2Page - Sony Corporation CXA3503R Datasheet HTML 3Page - Sony Corporation CXA3503R Datasheet HTML 4Page - Sony Corporation CXA3503R Datasheet HTML 5Page - Sony Corporation CXA3503R Datasheet HTML 6Page - Sony Corporation CXA3503R Datasheet HTML 7Page - Sony Corporation CXA3503R Datasheet HTML 8Page - Sony Corporation CXA3503R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
– 4 –
CXA3503R
Pin
No.
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
TST5
TST6
TST7
VCC3
COM
GND3
TST8
POF
DWN
TST9
TST10
TST11
TST12
TST13
TST14
VSS
VSS
VDD
TST15
OSD B
OSD R
OSD G
BLK
HCK1
HCK2
VCC1
HST
RGT
EN
STB
VCK
FIL IN
B/B-Y
G/Y
R/R-Y
O
O
O
I
I
I
O
O
O
O
O
O
O
O
I
I
I
I
Test (Leave this pin open.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Analog 12.0V COM power supply
Common pad voltage for LCD panel output
Analog 12.0V COM GND
Test (Leave this pin open.)
LCD panel power supply on/off (Leave this pin open when not using
this function.)
Right/left inversion switching signal output
Test (Connect to GND.)
Test (Connect to GND.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Test (Leave this pin open.)
Digital 3.0V GND
Digital 3.0V GND
Digital 3.0V power supply
Test (Connect to GND.)
OSD B input
OSD R input
OSD G input
BLK pulse output
H clock pulse 1 output
H clock pulse 2 output
Analog 3.0V power supply
H start pulse output
Right/left inversion switching signal output
EN pulse output
STB pulse output
V clock pulse output
H filter input (for using internal sync separation)
B/B-Y signal input
G/Y signal input
R/R-Y signal input
Symbol
I/O
Description
Input pin for
open status
∗ DWN: DOWN SCAN and UP SCAN, RGT: RIGHT SCAN and LEFT SCAN
H: pull-up processing, L: pull-down processing


Podobny numer części - CXA3503R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
More results

Podobny opis - CXA3503R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com