Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3503 Arkusz danych(PDF) 7 Page - Sony Corporation

Numer części CXA3503
Szczegółowy opis  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3503 Arkusz danych(HTML) 7 Page - Sony Corporation

Back Button CXA3503 Datasheet HTML 3Page - Sony Corporation CXA3503 Datasheet HTML 4Page - Sony Corporation CXA3503 Datasheet HTML 5Page - Sony Corporation CXA3503 Datasheet HTML 6Page - Sony Corporation CXA3503 Datasheet HTML 7Page - Sony Corporation CXA3503 Datasheet HTML 8Page - Sony Corporation CXA3503 Datasheet HTML 9Page - Sony Corporation CXA3503 Datasheet HTML 10Page - Sony Corporation CXA3503 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
– 7 –
CXA3503R
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
32
34
36
B OUT
R OUT
G OUT
R, G and B signal outputs.
The DC level is controlled to
match the SIG.C pin voltage.
Low output in power saving
mode.
VCC2/2V output when preset.
VCC2/2
(SIG.C =
preset)
37
VCC2
Analog 12.0V power supply.
(for the RGB output circuits)
12.0V
41
VCC3
Analog 12.0V power supply.
(for COM output)
12.0V
VCC2
166k
10
10
GND2
32
34
36
42
COM
COMMON voltage output.
The output voltage is controlled
by serial communication.
VCC3
200
GND3
42
90k
57
58
59
OSD B
OSD R
OSD G
OSD pulse inputs.
When one of these input pins
exceeds the Vth1 level, all of
the outputs go to black limiter
level; when an input pin
exceeds the Vth2 level, only the
corresponding output goes to
white limiter level.
Vth1 =
VCC1
× 1/3
Vth2 =
VCC1
× 2/3
VCC1
50k
50k
GND1
57
59
58
43
GND3
Analog 12.0V GND.
(for COM output)
69
FIL IN
H filter input.
Input the video signal via a
capacitor.
1.2V
63
VCC1
Analog 3.0V power supply.
VCC1
GND1
200
69


Podobny numer części - CXA3503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
More results

Podobny opis - CXA3503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com