Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3572 Arkusz danych(PDF) 4 Page - Sony Corporation

Numer części CXA3572
Szczegółowy opis  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572 Arkusz danych(HTML) 4 Page - Sony Corporation

  CXA3572 Datasheet HTML 1Page - Sony Corporation CXA3572 Datasheet HTML 2Page - Sony Corporation CXA3572 Datasheet HTML 3Page - Sony Corporation CXA3572 Datasheet HTML 4Page - Sony Corporation CXA3572 Datasheet HTML 5Page - Sony Corporation CXA3572 Datasheet HTML 6Page - Sony Corporation CXA3572 Datasheet HTML 7Page - Sony Corporation CXA3572 Datasheet HTML 8Page - Sony Corporation CXA3572 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
– 4 –
CXA3572R
Pin
No.
Symbol
VDD
HDO
VDO
RGT
VSS
HCK1
HCK2
HST
VDD
WIDE
DWN
VSS
37
38
39
40
41
42
43
44
45
46
47
48
I/O
O
O
O
O
O
O
O
O
Description
Digital 3.0V power supply
HDO pulse output
VDO pulse output
Right/left inversion switching signal output
Digital 3.0V GND
H clock pulse 1 output
H clock pulse 2 output
H start pulse output
Digital 3.0V power supply
WIDE pulse output
Up/down inversion switching signal output
Digital 3.0V GND
Input pin for
open status


Podobny numer części - CXA3572

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Podobny opis - CXA3572

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com