Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM16LC03 Arkusz danych(PDF) 7 Page - Protek Devices

Numer części SM16LC03
Szczegółowy opis  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC03 Arkusz danych(HTML) 7 Page - Protek Devices

  SM16LC03_12 Datasheet HTML 1Page - Protek Devices SM16LC03_12 Datasheet HTML 2Page - Protek Devices SM16LC03_12 Datasheet HTML 3Page - Protek Devices SM16LC03_12 Datasheet HTML 4Page - Protek Devices SM16LC03_12 Datasheet HTML 5Page - Protek Devices SM16LC03_12 Datasheet HTML 6Page - Protek Devices SM16LC03_12 Datasheet HTML 7Page - Protek Devices SM16LC03_12 Datasheet HTML 8Page - Protek Devices SM16LC03_12 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05051.R14 10/12
Page 7
SM16LC03 - SM16LC36C
SO-16 PACkAGE INFORMATION
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NOTES
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYOUT DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NOTES
1. Controlling dimension: inches.
-A-
16
9
8
1
-B- P
8 PL
0.010” (0.25mm)
M
M B
+
G
D
C
K
-T-
16 PL
0.010” (0.25mm) M
S
B
+
S
A
T
R X 45°
J
0° - 10°
F
A
B
C
D
E


Podobny numer części - SM16LC03_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
More results

Podobny opis - SM16LC03_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
   500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com