Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACT151 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części 54ACT151
Szczegółowy opis  Rad-hard advanced high-speed 5 V CMOS logic series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54ACT151 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button 54ACT151 Datasheet HTML 3Page - STMicroelectronics 54ACT151 Datasheet HTML 4Page - STMicroelectronics 54ACT151 Datasheet HTML 5Page - STMicroelectronics 54ACT151 Datasheet HTML 6Page - STMicroelectronics 54ACT151 Datasheet HTML 7Page - STMicroelectronics 54ACT151 Datasheet HTML 8Page - STMicroelectronics 54ACT151 Datasheet HTML 9Page - STMicroelectronics 54ACT151 Datasheet HTML 10Page - STMicroelectronics 54ACT151 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
54AC373
Rad-hard octal D-type latch 3-state
300 krad
(Si)
QML-V
Y
5962F87555
Flat-20
54ACT373
Rad-hard octal D-type latch 3-state
-
5962F87556
Flat-20
54AC374
Rad-hard octal D-type flip-flop 3-state
Y
5962F87694
Flat-20
54ACT374
Rad-hard octal D-type flip-flop 3-state
-
5962F87631
Flat-20
54AC521(1)
Rad-hard 8-bit comparator with enable
-
5962F87695
Flat-20
54AC540(1)
Rad-hard octal buffer/line driver 3-state
-
5962F90985
Flat-20
54AC541
Rad-hard octal bus buffer 3-state
Y
5962F88706
Flat-20
Non
inverted
enable
54ACT541
Rad-hard octal bus buffer 3-state
-
5962F89795
Flat-20
54AC574
Rad-hard octal D-type flip-flop 3-state
-
5962F96773
Flat-20
54ACT574
Rad-hard octal D-type flip-flop 3-state
Y
5962F89601
Flat-20
54AC2525(1)
Rad-hard 1 to 8 skew clock driver
-
5962F92174
Flat-48
54AC16244
Rad-hard 16-bit bus transceiver non inverting
-
5962F04210
Flat-48
54ACT16244
Rad-hard 16-bit bus transceiver non inverting
-
5962F92022
Flat-48
54AC16245
Rad-hard 16-bit bus transceiver 3-inverting
-
5962F04211
Flat-48
54ACT16245
Rad-hard 16-bit 3-state buffer transceiver
-
5962F92023
Flat-48
54AC16373
Rad-hard 16 D-type latch 3-state
-
5962F04212
Flat-48
54ACT16373
Rad-hard 16-bit 3-state D-type latch
-
5962F92024
Flat-48
54AC16374
Rad-hard 16 D-type flip flop 3-state
-
5962F04213
Flat-48
54ACT16374
Rad-hard 16-bit 3-state D-type flip-flop
-
5962F92025
Flat-48
54AC164245
Rad-hard 16-bit 3 to 5 V level shifter transceiver 3-state
100 krad (Si)
-
5962R98580
Flat-48
1.
The product is not yet formally qualified by DSCC.
Note:
Contact ST sales office for information about the specific conditions for other 54AC or 54ACT part numbers, product in die form and
QML-Q versions.
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
SMD /
detailed
specification
Package
Other
features


Podobny numer części - 54ACT151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACT151 NSC-54ACT151 Datasheet
170Kb / 9P
   8-Input Multiplexer
54ACT151D NSC-54ACT151D Datasheet
156Kb / 10P
   8-Input Multiplexer
54ACT151F NSC-54ACT151F Datasheet
156Kb / 10P
   8-Input Multiplexer
54ACT151L NSC-54ACT151L Datasheet
156Kb / 10P
   8-Input Multiplexer
More results

Podobny opis - 54ACT151

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com