Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA7360 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STA7360
Szczegółowy opis  20 W bridge/stereo audio amplifier with clipping detector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STA7360_11 Datasheet HTML 1Page - STMicroelectronics STA7360_11 Datasheet HTML 2Page - STMicroelectronics STA7360_11 Datasheet HTML 3Page - STMicroelectronics STA7360_11 Datasheet HTML 4Page - STMicroelectronics STA7360_11 Datasheet HTML 5Page - STMicroelectronics STA7360_11 Datasheet HTML 6Page - STMicroelectronics STA7360_11 Datasheet HTML 7Page - STMicroelectronics STA7360_11 Datasheet HTML 8Page - STMicroelectronics STA7360_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
December 2011
Doc ID 9814 Rev 4
1/28
1
STA7360
20 W bridge/stereo audio amplifier with clipping detector
Features
Very few external components
No boucherot cells
No bootstrap capacitors
High output power
No switch-on/off noise
Very low standby current
Fixed gain (20 db stereo)
Programmable turn-on delay
Clipping detector
Standby function
Protections
– Output AC-DC short-circuit to ground and
to supply voltage
– Highly inductive loads
– Loudspeaker protection
– Overrating chip temperature
– ESD protection
Description
The STA7360 is a class-AB audio power amplifier
in the Multiwatt® package.Thanks to the fully
complementary PNP/NPN output configuration,
the high-power performance of the STA7360 is
obtained without bootstrap capacitors.
A delayed turn-on mute circuit eliminates audible
on/off noise, and a short-circuit protection system
prevents spurious intervention with highly
inductive loads.
The device provides a circuit for the detection of
clipping in the output stages. The output, an open
collector, is able to drive systems with automatic
volume control.
Figure 1.
Application circuit
Table 1.
Device summary
Order code
Package
Packing
STA7360
Multiwatt11V
Tube
MULTIWATT11V
C4
1
µF
220
µF
C5
100nF
C6
+VS
9
11
7
STAND-BY
SVR
22
µF C3
5
IN2(+)
0.22
µF C2
1
IN1(+)
0.22
µF C1
IN
8
10
OUT2
OUT1
4
OUT BRIDGE
6
3
P-GND
CLIP DET
D00AU1213
RL
20K
2
S-GND
www.st.com


Podobny numer części - STA7360_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA7360 STMICROELECTRONICS-STA7360 Datasheet
481Kb / 18P
   20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
More results

Podobny opis - STA7360_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7360 STMICROELECTRONICS-TDA7360 Datasheet
224Kb / 22P
   22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
logo
Unisonic Technologies
TDA7360 UTC-TDA7360 Datasheet
184Kb / 6P
   20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
logo
STMicroelectronics
STA7360 STMICROELECTRONICS-STA7360 Datasheet
481Kb / 18P
   20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
logo
Texas Instruments
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
   20-W Stereo Digital Audio Power Amplifier
logo
Texas Instruments
TAS5704PAPR TI1-TAS5704PAPR Datasheet
1Mb / 39P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com