Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-TDR014V1 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STEVAL-TDR014V1
Szczegółowy opis  Demonstration board based on the PD55008-E for UHF mobile radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR014V1 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR014V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical performance
STEVAL-TDR014V1
4/11
Doc ID 18112 Rev 1
2
Typical performance
Figure 1.
Output power vs. input power Figure 2.
Gain vs. output power
Figure 3.
Drain efficiency vs. output
power
Figure 4.
Gain vs. frequency
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
00
000
1
1
1
1
1
1
1
Input Power (W)
380
400
420
440
460
480
500
12.5
100
Vdd=
mA
V
Idq=
6
7
8
9
10
11
12
13
14
15
16
17
18
0
2
4
6
8
10
12
14
Pout (W)
380
400
420
440
460
480
500
12.5
100
Vdd=
mA
V
Idq=
10
15
20
25
30
35
40
45
50
55
60
65
70
0246
8
10
12
14
Pout (W)
380
400
420
440
460
480
500
12.5
100
Vdd=
mA
V
Idq=
4
6
8
10
12
14
16
18
360
380
400
420
440
460
480
500
520
540
Freq (MHz)
Pout = 8W


Podobny numer części - STEVAL-TDR014V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

Podobny opis - STEVAL-TDR014V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-IHT003V1 STMICROELECTRONICS-STEVAL-IHT003V1 Datasheet
76Kb / 4P
   Low-loss e-STARTER demonstration board for compressor starter circuits based on the ACST6
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
   Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com