Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-ISA094V1 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STEVAL-ISA094V1
Szczegółowy opis  3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA094V1 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA094V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA094V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA094V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA094V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2011
Doc ID 022621 Rev 1
1/4
4
STEVAL-ISA094V1
3 A step-down switching power supply demonstration board
based on the L7981 (HSOP8)
Features
3 A DC output current
4.5 V to 28 V input voltage
Output voltage adjustable from 0.6 V
250 kHz switching frequency, programmable
up to 1 MHz
Internal soft-start and enable
Low dropout operation: 100% duty cycle
Voltage feed-forward
Zero load current operation
Overcurrent and thermal protection
RoHS compliant
Description
The STEVAL-ISA094V1 is a step-down switching
power supply based on STMicroelectronics’
L7981 switching regulator in an HSOP8 package.
The L7981 features an embedded power
MOSFET and is capable of delivering up to 3 A of
current to the load, depending on the application
conditions.
The input voltage can range from 4.5 V to 28 V,
while the output voltage can be set from 0.6 V to
VIN.
Requiring a minimum number of external
components, the device includes an internal 250
kHz switching frequency oscillator that can be
externally adjusted up to 1 MHz.
STEVAL-ISA094V1
www.st.com


Podobny numer części - STEVAL-ISA094V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
   3.5 A step-down switching regulator based on the L4973
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
   2 A step-down switching power supply demonstration board based on the L7980 (QFN)
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
   2 A step-down switching demonstration board based on the L7980
STEVAL-ISA093V1 STMICROELECTRONICS-STEVAL-ISA093V1 Datasheet
104Kb / 4P
   3 A step-down switching power supply demonstration board
December 2011 Rev 1
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
   Up to 3 A step-down switching regulator based on the ST1S14
More results

Podobny opis - STEVAL-ISA094V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
   3 A step-down switching demonstration board based on the L7986A in HSOP8 package
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
   2 A step-down switching power supply demonstration board based on the L7980 (QFN)
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
   2 A step-down switching demonstration board based on the L7980
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
   3 A step-down switching regulator demonstration board based on the L5987, L5987A
November 2009 Rev 1
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
   3 A step-down switching regulator demonstration board based on the L5987, L5987A
STEVAL-ISA093V1 STMICROELECTRONICS-STEVAL-ISA093V1 Datasheet
104Kb / 4P
   3 A step-down switching power supply demonstration board
December 2011 Rev 1
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
   1 A step-down switching regulator demonstration board based on the L5981
March 2009 Rev 1
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
   0.7 A step-down switching regulator demonstration board based on the L5980
March 2009 Rev 1
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
   2 A step-down switching regulator demonstration board based on the L5985
STEVAL-ISA099V1 STMICROELECTRONICS-STEVAL-ISA099V1 Datasheet
296Kb / 4P
   3 A step-down switching demonstration board based on the L7986 in DFN10 package
April 2012 Rev 1
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com