Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-SPBT3ATV3 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STEVAL-SPBT3ATV3
Szczegółowy opis  USB dongle for the Bluetooth짰 class 2 SPBT2632C2A.AT2 module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPBT3ATV3 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STEVAL-SPBT3ATV3 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STEVAL-SPBT3ATV3
Recommended operating conditions
Doc ID 023290 Rev 2
3/8
1
Recommended operating conditions
Table 1.
Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Board supply voltage
-40 °C < T < 85 °C
4.5
5
5.5
V
Top
Operating case
temperature range
-40
+85
°C


Podobny numer części - STEVAL-SPBT3ATV3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
   USB Dongle for the Bluetooth짰 class 2 SPBT2532C2.AT module
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2532C2.AT2 module
More results

Podobny opis - STEVAL-SPBT3ATV3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2532C2.AT2 module
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
   USB Dongle for the Bluetooth짰 class 2 SPBT2532C2.AT module
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
   USB Dongle Module
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
STEVAL-IDB003V1 STMICROELECTRONICS-STEVAL-IDB003V1 Datasheet
348Kb / 4P
   A BlueNRG IC based Bluetooth짰 Smart USB dongle
April 2014 Rev 1
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
List of Unclassifed Man...
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Advantech Co., Ltd.
PCM-23U1DG ADVANTECH-PCM-23U1DG_15 Datasheet
255Kb / 1P
   USB Slot w/ Lock for USB Dongle
logo
Silicon Laboratories
BLED112 SILABS-BLED112 Datasheet
3Mb / 12P
   BLED112 USB dongle
Version 1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com