Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7445120 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7445120
Szczegółowy opis  POWER-CHOKE WE-PD 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7445120 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7445120 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445120 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445120 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
4,40 ± 0,1
mm
B
8,00 ± 0,1
mm
C
16,0 ± 0,3
mm
D
1,50 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
7,50 ± 0,1
mm
H
6,75 ± 0,1
mm
I
3,20 ± 0,1
mm
T
0,30 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
MST
2009-02-09
SST
2005-06-21
MST
2004-10-11
MST
2004-06-03
Name
Datum / date
mm
13,00
c
Version 7
..............................................................................
...............................................................................
7445120
Spezifikation für Freigabe / specification for release
Kunde / customer :
I Rollenspezifikation / Tape and reel specification:
Gurtspezifikation / Tape specification:
Freigabe erteilt / general release:
Kunde / customer
SPEICHERDROSSEL WE-PD 3
POWER-CHOKE WE-PD 3
DATUM / DATE : 2009-02-09
Artikelnummer / part number :
http://www.we-online.com
..............................................................................
...............................................................................
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenbug · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
Version 4
Version 5
I
H
T
Ø c
a
d
b
A
B
C
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Podobny numer części - 7445120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74451215 WURTH-74451215 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451222 WURTH-74451222 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451233 WURTH-74451233 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451247 WURTH-74451247 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
More results

Podobny opis - 7445120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445920 WURTH-7445920 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459010 WURTH-74459010 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459147 WURTH-74459147 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
7445302 WURTH-7445302 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445303 WURTH-7445303 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445404 WURTH-7445404 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74451122 WURTH-74451122 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451147 WURTH-74451147 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74453112 WURTH-74453112 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74454010 WURTH-74454010 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com