Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB113A Arkusz danych(PDF) 11 Page - Summit Microelectronics, Inc.

Numer części SMB113A
Szczegółowy opis  High-power, Four-channel Programmable DC-DC System Power Managers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMMIT [Summit Microelectronics, Inc.]
Strona internetowa  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB113A Arkusz danych(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB113A_10 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.6 9/16/2010
11
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Programmable Monitoring Thresholds
VPUV1
Programmable UV1 threshold
Programmable UV1 threshold
voltage measured on VBATT pin
in 150 mV increments
2.55
3.60
V
VPUV2
Programmable UV2 threshold
Programmable UV2 threshold
voltage measured on VBATT pin
in 150 mV increments
2.55
3.60
V
∆VPUV2
UV2 accuracy
±2
%
∆VPUV1
UV1 accuracy
±2
%
PUVTH
Programmable under-voltage
threshold
Output voltage relative to
nominal operating voltage.
Note 3.
-3
-5
-7
%
-8
-10
-12
-12
-15
-18
-16
-20
-24
POVTH
Programmable over-voltage
threshold
Output voltage relative to
nominal operating voltage.
Note 3.
+3
+5
+7
%
+8
+10
+12
+12
+15
+18
+16
+20
+24
Note 1: Voltage accuracies are only guaranteed for factory-programmed settings. Changing the output voltage from that reflected in the customer
specific CSIR code might result in inaccuracies exceeding those specified above by 1%.
Note 2: For more accurate active current levels under several load conditions, Summit’s proprietary design software can be used. Contact the
factory for more information.
Note 3: Guaranteed by Design and Characterization – not 100% tested in Production.
Note 4: Contact the factory for designs that require an input voltage lower than 4.5V.


Podobny numer części - SMB113A_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
More results

Podobny opis - SMB113A_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Summit Microelectronics...
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com