Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB113A Arkusz danych(PDF) 2 Page - Summit Microelectronics, Inc.

Numer części SMB113A
Szczegółowy opis  High-power, Four-channel Programmable DC-DC System Power Managers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMMIT [Summit Microelectronics, Inc.]
Strona internetowa  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB113A Arkusz danych(HTML) 2 Page - Summit Microelectronics, Inc.

  SMB113A_10 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB113A_10 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc.
2111 2.6 9/16/2010
2
The SMB113A/B and SMB117/A are fully programmable
DC-DC controllers that incorporate power delivery and
advanced power monitoring and control functionality.
The devices integrate four synchronous “buck” step-
down controllers in a space saving package.
The SMB113A uses a fixed 800kHz whereas the
SMB113B uses a fixed 1MHz, the SMB117 a fixed
400kHz and the SMB117A a fixed 250kHz Pulse Width
Modulation (PWM) control circuit. A type-three voltage
mode compensation network is used offering a cost
effective
solution
without
compromising
transient
response performance. By utilizing external N- and P–
type MOSFET transistors the efficiency and load current
level can be customized to fit a wide array of system
requirements.
The SMB113A/B and SMB117/A contain four buck
outputs capable of producing an output voltage less than
the input voltage. Each buck output voltage is set by an
internal resistor divider and a programmable voltage
reference. The integrated resistor divider eliminates the
cost and space necessary for external components and
has several programmable values.
Through the
programmability of the reference and the resistor divider,
practically any output voltage smaller than the battery
can be produced without the need to change external
components.
The SMB113A/B and SMB117/A are capable of power-
on/off cascade sequencing where each channel can be
assigned one of four unique sequence positions. During
sequencing each channel in a given sequencing position
is guaranteed to reach its programmed output voltage
before the channel(s) occupying the next sequence
position initiate their respective soft-start sequence. A
unique programmable delay exists between each power
on/off sequence position. In addition to power on/off
sequencing all supplies can be powered on/off
individually through an I
2C command or by assertion of
the enable pin.
Each output voltage is monitored for under-voltage and
over-voltage (UV/OV) conditions, using a comparator-
based circuit where the output voltage is compared
against an internal programmable reference.
An
additional feature of the output voltage monitoring is a
programmable glitch filter capable of digitally filtering a
transient OV/UV fault condition from a true system error.
When a fault is detected for a period in excess of the
glitch filter, all supplies may be sequenced down or
immediately disabled and an output status pin can be
asserted.
The current system status is always
accessible via internal registers containing the status of
all four channels.
The SMB113A/B and SMB117/A also possess an
Under-voltage Lockout (UVLO) circuit to ensure the
devices will not power up until the input voltage has
reached a safe operating voltage. The UVLO function
exhibits hysteresis, ensuring that noise or a brown out
voltage on the supply rail does not inadvertently lead to
a system failure.
The SMB113A/B and SMB117/A provide dynamic
voltage management over all of their output voltages.
Through an I
2C command, all output voltage levels can
be increased or decreased to a pre-programmed level.
In addition, each output is slew rate limited by soft-start
circuitry that is user-programmable and requires no
external capacitors.
All programmable settings on the SMB113A/B and the
SMB117/A are stored in non-volatile registers and are
easily accessed and modified over an industry standard
I
2C serial bus. For fastest prototype development times
Summit offers an evaluation card and a Graphical User
Interface (GUI).
GENERAL DESCRIPTION


Podobny numer części - SMB113A_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
More results

Podobny opis - SMB113A_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Summit Microelectronics...
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com