Zakładka z wyszukiwarką danych komponentów |
|
74320-3000 Arkusz danych(PDF) 3 Page - MolexKits |
|
74320-3000 Arkusz danych(HTML) 3 Page - MolexKits |
3 / 6 page 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0143 Features and Benefits Applications • Supports both analog and digital signals • Plug and play interface (without shutting down or reconfiguring) • Excellent EMI/RFI (Fully Shielded) • LFH™ contact design is rugged and reliable, provides two points of contact for optimal signal integrity • Protruding shield, first make - last break for ESD considerations • Single and dual link digital signaling allows high speed digital transmission (4.95 Gbps and 9.9 Gbps) • Analog coaxial lines allow high speed transmission (2.5 GHz) • Carries uncompressed audio / video in a single cable (5 Gbps) • HDMI^ to DVI cables are DVI backward compatible • Fully shielded ESD protection • Triad signal layout, low impedance mismatch • Detent locks, strong mating between plug and receptacle • Metal shielding on all sides against EMI • Small footprint, less PCB real estate • Latches, for long cable latching • Solder tab, secure PCB retention • Desktop computers • Multimedia equipment • Flat panel displays • Digital TVs/Plasma Displays/LCDs • Audio/Video Receivers • Set-Top Boxes • DVD Players/Recorders/D-VHS Players • High Definition Monitors • PC (Personal Computer) • External display interconnect • Projector • TV display • DVD player For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 3 of 6 |
Podobny numer części - 74320-3000 |
|
Podobny opis - 74320-3000 |