Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VNH5019A-E Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części VNH5019A-E
Szczegółowy opis  Automotive fully integrated H-bridge motor driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019A-E Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button VNH5019A-E Datasheet HTML 2Page - STMicroelectronics VNH5019A-E Datasheet HTML 3Page - STMicroelectronics VNH5019A-E Datasheet HTML 4Page - STMicroelectronics VNH5019A-E Datasheet HTML 5Page - STMicroelectronics VNH5019A-E Datasheet HTML 6Page - STMicroelectronics VNH5019A-E Datasheet HTML 7Page - STMicroelectronics VNH5019A-E Datasheet HTML 8Page - STMicroelectronics VNH5019A-E Datasheet HTML 9Page - STMicroelectronics VNH5019A-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Block diagram and pin description
VNH5019A-E
6/37
Doc ID 15701 Rev 8
Figure 2.
Configuration diagram (top view)
Table 1.
Suggested connections for unused and not connected pins
Connection / pin
Current sense
N.C.
OUTx
INPUTx, PWM
DIAGx/ENx
CS_DIS
Floating
Not allowed
X
X
X
To ground
Through 1 k
Ω resistor
X
Not allowed
Through 10 k
Ω
resistor
Table 2.
Pin definitions and functions
Pin
Symbol
Function
1, 25, 30
OUTA,
Heat Slug2
Source of high-side switch A / drain of low-side switch A, power
connection to the motor
2,14,17, 22,
24,29
N.C.
Not connected
3, 13, 23
VCC,
Heat Slug1
Drain of high-side switches and connection to the drain of the
external PowerMOS used for the reverse battery protection
12
VBAT
Battery connection and connection to the source of the external
PowerMOS used for the reverse battery protection
5ENA/DIAGA
Status of high-side and low-side switches A; open drain output.
This pin must be connected to an external pull-up resistor. When
externally pulled low, it disables half-bridge A. In case of fault
detection (thermal shutdown of a high-side FET or excessive
ON-state voltage drop across a low-side FET), this pin is pulled
low by the device (see
Table 13: Truth table in fault conditions
(detected on OUTA))
OUTA
OUTA
OUTA
OUTB
OUTB
N.C.
VCC
INA
ENA/DIAGA
CS_DIS
PWM
CS
ENB/DIAGB
INB
CP
VBAT
VCC
OUTB
N.C.
N.C.
GNDA
GNDA
GNDA
N.C.
VCC
N.C.
GNDB
GNDB
GNDB
1
15
16
30
VCC
Heat Slug1
OUTB
Heat Slug3
OUTA
Heat Slug2
N.C.


Podobny numer części - VNH5019A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
1Mb / 22P
   for car body applications
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
2Mb / 2P
   Fully-protected, eco-friendly motor control solutions
More results

Podobny opis - VNH5019A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com