Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VNH5050A-E Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części VNH5050A-E
Szczegółowy opis  Automotive fully integrated H-bridge motor driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050A-E Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button VNH5050A-E Datasheet HTML 3Page - STMicroelectronics VNH5050A-E Datasheet HTML 4Page - STMicroelectronics VNH5050A-E Datasheet HTML 5Page - STMicroelectronics VNH5050A-E Datasheet HTML 6Page - STMicroelectronics VNH5050A-E Datasheet HTML 7Page - STMicroelectronics VNH5050A-E Datasheet HTML 8Page - STMicroelectronics VNH5050A-E Datasheet HTML 9Page - STMicroelectronics VNH5050A-E Datasheet HTML 10Page - STMicroelectronics VNH5050A-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VNH5050A-E
Block diagram and pin description
Doc ID 16009 Rev 10
7/33
20
CS_DIS
Active high CMOS compatible pin to disable current sense
pin.
21
ENB/DIAGB
Status of high-side and low-side switches B;
Open drain output.
22
INB
Counter clockwise input.
23, 25, 26, 27, 28, 29, 35
OUTB, Heat
Slug3
Source of high-side switch B / drain of low-side switch B.
30, 31, 32, 33, 34,36
GND_B
Source of low-side switch B.
2, 8, 9, 10, 11, 12, 14
OUTA, Heat
Slug2
Source of high-side switch A / drain of low-side switch A.
1, 3, 4, 5, 6, 7
GND_A
Source of low-side switch A.
Table 5.
Pin functions description
Name
Description
VCC
Battery connection.
GND
Power ground.
OUTA
OUTB
Power connections to the motor.
INA
INB
Voltage controlled input pins with hysteresis, CMOS compatible. These two pins
control the state of the bridge in normal operation according to the truth table (brake
to VCC, Brake to GND, clockwise and counterclockwise).
PWM
Voltage controlled input pin with hysteresis, CMOS compatible.Gates of low-side
FETS get modulated by the PWM signal during their on phase allowing speed control
of the motor.
ENA/DIAGA
ENB/DIAGB
Open drain bidirectional logic pins.These pins must be connected to an external pull
up resistor. When externally pulled low, they disable half-bridge A or B. In case of fault
detection (thermal shutdown of a high-side FET or excessive on-state voltage drop
across a low-side FET), these pins are pulled low by the device (see truth table in fault
condition).
CS
Analog current sense output. This output delivers a current proportional to the motor
current if CS_DIS is low or left open. The information can be read back as an analog
voltage across an external resistor.
CS_DIS
Active high CMOS compatible pin to disable the current sense pin.
Table 4.
Pin definitions and functions (continued)
Pin N°
Symbol
Function


Podobny numer części - VNH5050A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VNH5050A-E STMICROELECTRONICS-VNH5050A-E Datasheet
1Mb / 22P
   for car body applications
VNH5050A-E STMICROELECTRONICS-VNH5050A-E Datasheet
2Mb / 2P
   Fully-protected, eco-friendly motor control solutions
More results

Podobny opis - VNH5050A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com