Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9915BCPZ-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9915BCPZ-REEL7
Szczegółowy opis  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9915BCPZ-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9915BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 3 of 48
GENERAL DESCRIPTION
The AD9915 is a direct digital synthesizer (DDS) featuring a
12-bit DAC. The AD9915 uses advanced DDS technology,
coupled with an internal high speed, high performance DAC
to form a digitally programmable, complete high frequency
synthesizer capable of generating a frequency-agile analog
output sinusoidal waveform at up to 1.0 GHz. The AD9915
enables fast frequency hopping and fine tuning resolution
(64-bit capable using programmable modulus mode). The
AD9915 also offers fast phase and amplitude hopping capability.
The frequency tuning and control words are loaded into the
AD9915 via a serial or parallel I/O port. The AD9915 also
supports a user defined linear sweep mode of operation for
generating linear swept waveforms of frequency, phase, or
amplitude. A high speed, 32-bit parallel data input port is
included, enabling high data rates for polar modulation
schemes and fast reprogramming of the phase, frequency, and
amplitude tuning words.
The AD9915 is specified to operate over the extended industrial
temperature range (see the Absolute Maximum Ratings
section).
Figure 2. Detailed Block Diagram
32
F0 TO F3
D0 TO D31
PS[2:0]
I/O_UPDATE
POWER-
DOWN
CONTROL
DAC_RSET
AOUT
AOUT
OSK
DROVER
DRCTL
DRHOLD
SYNC_CLK
A
θ
CLOCK
AMPLITUDE (A)
FREQUENCY
(ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
2
4
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
REF_CLK
REF_CLK
AD9915
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt + θ)
Asin (ωt + θ)
DAC
12-BIT
DDS
INTERNAL
PROGRAMMING
REGISTERS


Podobny numer części - AD9915BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9910 AD-AD9910 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910/PCBZ AD-AD9910/PCBZ Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
More results

Podobny opis - AD9915BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9174 AD-AD9174 Datasheet
2Mb / 163P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com