Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-640C-E Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części STK672-640C-E
Szczegółowy opis  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-640C-E Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  STK672-640C-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-640C-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
STK672-640C-E
No. A2116-2/27
Specifications
Absolute Maximum Ratings
at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
50
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +6.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +6.0
V
Output current 1
IOP max
10
μA, 1 pulse (resistance load)
20
A
Output current 2
IOH max1
VDD=5V, CLOCK≥200Hz
4
A
Output current 3
IOH max2
VDD=5V, CLOCK≥200Hz VCC≤29V
4.5
A
Output current 4
IOF max
Pin16 output current
10
mA
Allowable power dissipation 1
PdMF max
With an arbitrarily large heat sink. Per MOSFET
8.3
W
Allowable power dissipation 2
PdPK max
No heat sink
3.1
W
Operating substrate temperature
Tc
-20 to +105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges
at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 46
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
Pins 10, 12, 13, 14, 15, 17 VDD=5±5%
2.5 to VDD
V
Input low voltage
VIL
Pins 10, 12, 13, 14, 15, 17 VDD=5±5%
0 to 0.8
V
Output current 1
IOH1
Tc=105
°C, CLOCK≥200Hz,
Continuous operation, duty=100%
3.0
A
Output current 2
IOH2
Tc=80
°C, CLOCK≥200Hz,
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
3.3
A
Output current 3
IOH3
Tc=105
°C, CLOCK≥200Hz, VCC≤29V
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
3.5
A
Output current 4
IOH4
Tc=80
°C, CLOCK≥200Hz, VCC≤29V
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
3.8
A
CLOCK frequency
fCL
Minimum pulse width: at least 10
μs
0 to 50
kHz
Recommended Vref range
Vref
Tc=105
°C
0.14 to 1.38
V
Electrical Characteristics
at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
Pin 9 current CLOCK=GND
5
8
mA
Output average current*
Ioave
R/L=1
Ω/0.62mH in each phase
0.519
0.625
0.731
A
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
0.83
1.5
V
Output saturation voltage
Vsat
RL=23Ω
0.20
0.33
V
Input high voltage
VIH
Pins 10, 12, 13, 14, 15, 17
2.5
V
Input low voltage
VIL
Pins 10, 12, 13, 14, 15, 17
0.8
V
FAULT1 low output voltage
VOLF
Pin 16 (IO=5mA)
0.25
0.5
V
5V level FAULT leakage current
IILF
Pin 16=5V
10
μA
FAULT2 opened motor pin
detection output voltage
VOF1
0.00
0.01
0.20
FAULT2 Overcurrent detection
output voltage
VOF2
2.4
2.5
2.6
FAULT2 Overheat detection
output voltage
VOF3
Pin 8 (when all protection functions have
been activated)
3.1
3.3
3.5
V
5V level input current
IILH
Pins 10, 12, 13, 14, 15, 17=5V
50
75
μA
GND level input current
IILL
Pins 10, 12, 13, 14, 15, 17=GND
10
μA
Vref input bias current
IIB
Pin 19=1.0V
1
μA
Continued to the next page.


Podobny numer części - STK672-640C-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK672-640C-E ONSEMI-STK672-640C-E Datasheet
245Kb / 27P
   2-phase Stepping Motor Driver
June, 2013
More results

Podobny opis - STK672-640C-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com