Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC8602 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDC8602
Szczegółowy opis  Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC8602 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDC8602 Datasheet HTML 1Page - Fairchild Semiconductor FDC8602 Datasheet HTML 2Page - Fairchild Semiconductor FDC8602 Datasheet HTML 3Page - Fairchild Semiconductor FDC8602 Datasheet HTML 4Page - Fairchild Semiconductor FDC8602 Datasheet HTML 5Page - Fairchild Semiconductor FDC8602 Datasheet HTML 6Page - Fairchild Semiconductor FDC8602 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2011 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FDC8602 Rev.C
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
100
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
73
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA2
3.2
4
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-8
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 1.2 A
285
350
m
Ω
VGS = 6 V, ID = 0.9 A
409
575
VGS = 10 V, ID = 1.2 A, TJ = 125 °C
489
600
gFS
Forward Transconductance
VDS = 10 V, ID = 1.2 A1.3
S
Ciss
Input Capacitance
VDS = 50 V, VGS = 0 V,
f = 1MHz
53
70
pF
Coss
Output Capacitance
17
25
pF
Crss
Reverse Transfer Capacitance
0.8
5
pF
Rg
Gate Resistance
1.6
Ω
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 1.2 A,
VGS = 10 V, RGEN = 6 Ω
3.5
10
ns
tr
Rise Time
1.7
10
ns
td(off)
Turn-Off Delay Time
5.4
11
ns
tf
Fall Time
2.3
10
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 50 V,
ID = 1.2 A
1.2
2
nC
Qg(TOT)
Total Gate Charge
VGS = 0 V to 5 V0.6
1
nC
Qgs
Gate to Source Charge
0.4
nC
Qgd
Gate to Drain “Miller” Charge
0.4
nC
VSD
Source-Drain Diode Forward Voltage
VGS = 0 V, IS = 1.2 A
(Note 2)
0.86
1.3
V
trr
Reverse Recovery Time
IF = 1.2 A, di/dt = 100 A/μs
27
43
ns
Qrr
Reverse Recovery Charge
12
21
nC
NOTES:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθCA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. Starting TJ = 25 °C; N-ch: L = 3 mH, IAS = 1 A, VDD = 100 V, VGS = 10 V.
130 °C/W when mounted on
a 1 in2 pad of 2 oz copper
a)
180 °C/W when mounted on a
minimum pad of 2 oz copper
b)


Podobny numer części - FDC8602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC8601 FAIRCHILD-FDC8601 Datasheet
249Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
More results

Podobny opis - FDC8602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
FDT86256 FAIRCHILD-FDT86256 Datasheet
251Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 1.2 A, 845 m廓
FDS89141 FAIRCHILD-FDS89141 Datasheet
245Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 3.5 A, 62 m廓
FDS89161 FAIRCHILD-FDS89161 Datasheet
266Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 105 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com