Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC8878 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDC8878
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC8878 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDC8878 Datasheet HTML 1Page - Fairchild Semiconductor FDC8878 Datasheet HTML 2Page - Fairchild Semiconductor FDC8878 Datasheet HTML 3Page - Fairchild Semiconductor FDC8878 Datasheet HTML 4Page - Fairchild Semiconductor FDC8878 Datasheet HTML 5Page - Fairchild Semiconductor FDC8878 Datasheet HTML 6Page - Fairchild Semiconductor FDC8878 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2012 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FDC8878 Rev.C2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
30
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
13
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current, Forward VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
1.2
1.6
3.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-5
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 8.0 A
12
16
m
Ω
VGS = 4.5 V, ID = 7.5 A
14
18
VGS = 10 V, ID = 8.0 A, TJ = 125 °C
16
21
gFS
Forward Transconductance
VDD = 5 V, ID = 8.0 A
43
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1 MHz
782
1040
pF
Coss
Output Capacitance
318
425
pF
Crss
Reverse Transfer Capacitance
40
60
pF
Rg
Gate Resistance
1.2
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 8 A,
VGS = 10 V, RGEN = 6 Ω
612
ns
tr
Rise Time
210
ns
td(off)
Turn-Off Delay Time
17
30
ns
tf
Fall Time
210
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V
ID = 8 A
13
18
nC
Total Gate Charge
VGS = 0 V to 4.5 V
6
9
nC
Qgs
Total Gate Charge
1.7
nC
Qgd
Gate to Drain “Miller” Charge
2.0
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 8.0 A
(Note 2)
0.8
1.2
V
trr
Reverse Recovery Time
IF = 8.0 A, di/dt = 100 A/μs
22
35
ns
Qrr
Reverse Recovery Charge
7
14
nC
a. 78 °C/W when mounted on
a 1 in2 pad of 2 oz copper
b.175 °C/W when mounted on
a minimum pad of 2 oz copper
NOTES:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθCA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0 %.
3. As an N-ch device, the negative Vgs rating is for low duty cycle pulse occurrence only. No continuous rating is implied.


Podobny numer części - FDC8878

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
logo
VBsemi Electronics Co.,...
FDC8884 VBSEMI-FDC8884 Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
More results

Podobny opis - FDC8878

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS8820 FAIRCHILD-FDMS8820 Datasheet
273Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 116 A, 2.0 m廓
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com