Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK681-352-E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części STK681-352-E
Szczegółowy opis  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-352-E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  STK681-352-E Datasheet HTML 1Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 2Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 3Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 4Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 5Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 6Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 7Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 8Page - Sanyo Semicon Device STK681-352-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
70611HKPC 018-10-0042/30211HKPC No.A1929-1/14
STK681-352-E
Overview
The STK681-352-E is a hybrid IC for use in current control forward/reverse DC motor driver with brush.
Applications
• Office photocopiers, printers, etc.
Features
• Allows forward, reverse, and brake operations in accordance with the external input signal.
• 8A peak startup output current and 12A peak brake output current.
• On-chip output short-circuit detection function.
• Reduced voltage detection function (15V) for a motor supply voltage.
• Connecting an external current detection resistor allows overcurrent detection and peak current control in the
PWMoperation mode.
• Obviate the need to design for the dead time in order to turn off the upper- and lower drive devices when
switchingbetween the forward and reverse operation mode.
Ordering number : ENA1929A
Thick-Film Hybrid IC
Forward/Reverse Motor Driver
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Podobny numer części - STK681-352-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK681-352-E ONSEMI-STK681-352-E Datasheet
97Kb / 14P
   Forward/Reverse Motor Driver
June, 2013
More results

Podobny opis - STK681-352-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com