Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCX018AK Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części LCX018AK
Szczegółowy opis  1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX018AK Arkusz danych(HTML) 1 Page - Sony Corporation

  LCX018AK Datasheet HTML 1Page - Sony Corporation LCX018AK Datasheet HTML 2Page - Sony Corporation LCX018AK Datasheet HTML 3Page - Sony Corporation LCX018AK Datasheet HTML 4Page - Sony Corporation LCX018AK Datasheet HTML 5Page - Sony Corporation LCX018AK Datasheet HTML 6Page - Sony Corporation LCX018AK Datasheet HTML 7Page - Sony Corporation LCX018AK Datasheet HTML 8Page - Sony Corporation LCX018AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
Description
The LCX018AK is a 1.8cm diagonal active matrix
TFT-LCD panel addressed by the polycrystalline
silicon
super
thin
film
transistors
with
built-in
peripheral driving circuit. This panel provides full-
color representation in NTSC/PAL/WID mode. RGB
dots are arranged in a delta pattern featuring high
picture quality of no fixed color patterns, which is
inherent in vertical stripes and mosaic pattern
arrangements.
Features
• Number of active dots: 240,000 (0.7-inch; 1.8cm in diagonal)
• Horizontal resolution: 400 TV lines
• High optical transmittance: 4.4% (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V driving circuit (built-in input level conversion circuit, TTL drive possible)
• High quality picture representation with RGB delta arranged color filters
• Full-color representation
• NTSC/PAL/WID compatible
• Up/down and/or right/left inverse display function
• Side-black function
• 16:9 and 4:3 aspect switching function
Element Structure
• Dots
16:9 display: 1068.5 (H)
× 225 (V) = 240,412
4:3 display:
803.5 (H)
× 225 (V) = 180,787
• Built-in peripheral driving circuit using the polycrystalline silicon super thin film transistors.
– 1 –
E98521-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
LCX018AK
For the availability of this product, please contact the sales office.


Podobny numer części - LCX018AK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
   3.6cm (1.43-inch) LCD Panel (with microlens)
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Podobny opis - LCX018AK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BKB SONY-LCX005BKB Datasheet
238Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
   8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com