Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFPF10UA60ST Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FFPF10UA60ST
Szczegółowy opis  10A, 600V Ultra Fast II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10UA60ST Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FFPF10UA60ST Datasheet HTML 1Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 2Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 3Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 4Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
May 2010
©2010 Fairchild Semiconductor Corporation
FFPF10UA60ST Rev. A
www.fairchildsemi.com
1
UltraFast II Rectifier
FFPF10UA60ST
Features
• High Speed Switching, trr < 120ns
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Max Forward Voltage, VF <2.3V
• RoHS compliant
Applications
• Boost Diode in PFC and Switching Mode Power Supply
10A, 600V Ultra Fast II Rectifier
The FFPF10UA60ST is ultrafast rectifier with low forward voltage
drop and rugged UIS capability. This device is intended for use
as freewheeling and clamping rectifiers in a variety of switching
power supplies and other power switching applications. It is
specially suited for use in switching power supplies and industrial
application.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics T
C = 25
oC unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 25
oC
10
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
50
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
6.3
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FFPF10UA60ST
FFPF10UA60ST
TO-220F
-
-
50
1. Cathode
2. Anode
1. Cathode 2. Anode
TO-220F-2L


Podobny numer części - FFPF10UA60ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFPF10U120S FAIRCHILD-FFPF10U120S Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U120STU FAIRCHILD-FFPF10U120STU Datasheet
81Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF10U20 FAIRCHILD-FFPF10U20 Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U20 FAIRCHILD-FFPF10U20 Datasheet
109Kb / 4P
   FAST RECOVERY POWER RECTIFIER
More results

Podobny opis - FFPF10UA60ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
UGF10L08G TSC-UGF10L08G Datasheet
212Kb / 4P
   10A, 600V Isolated Ultra Fast Rectifier
UGF10L08GA TSC-UGF10L08GA Datasheet
211Kb / 4P
   10A, 600V Isolated Ultra Fast Rectifier
logo
Fairchild Semiconductor
FFPF20UA60DN FAIRCHILD-FFPF20UA60DN Datasheet
557Kb / 5P
   20A, 600V Ultra Fast II Rectifier
logo
Taiwan Semiconductor Co...
UG1004G TSC-UG1004G Datasheet
209Kb / 4P
   10A, 200V - 600V Ultra Fast Rectifiers
logo
Frontier Electronics.
UFF100-005-LFR FRONTIER-UFF100-005-LFR Datasheet
132Kb / 2P
   10A ULTRA FAST RECOVERY RECTIFIER
UFF100-005 FRONTIER-UFF100-005 Datasheet
67Kb / 2P
   10A ULTRA FAST RECOVERY RECTIFIER
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
   10A SUPER FAST RECOVERY RECTIFIER 50V-600V
UFF100-005CT FRONTIER-UFF100-005CT Datasheet
132Kb / 2P
   10A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT-LFR FRONTIER-UFF100-005CT-LFR Datasheet
132Kb / 2P
   10A DUAL ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SFR10S40AD ETC-SFR10S40AD Datasheet
420Kb / 5P
   10A, 400V ULTRA-FAST RECOVERY RECTIFIER
Rev.: 1.4
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com