Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFPF20UP40S Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FFPF20UP40S
Szczegółowy opis  20A, 400V UItra Fast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP40S Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FFPF20UP40S Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP40S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
November
©2010 Fairchild Semiconductor Corporation
FFPF20UP40S Rev. A
www.fairchildsemi.com
1
FFPF20UP40S
Features
• High Speed Switching, trr < 50ns
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Max Forward Voltage, VF < 1.4V
• RoHS Compliant
Applications
• Boost Diode in PFC and Switching Mode Power Supply
• Freewheeling diodes
20A, 400V UItra Fast Rectifier
The FFPF20UP40S is a uItrafast rectifier with low forward
voltage drop. This device is intended for use as freewheeling and
clamping rectifiers in a variety of switching power supplies and
other power switching applications. It is specially suited for use in
switching power supplies and industrial application.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
400
V
VRWM
Working Peak Reverse Voltage
400
V
VR
DC Blocking Voltage
400
V
IF(AV)
Average Rectified Forward Current
@ TC = 100
oC
20
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
200
A
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
2.6
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FFPF20UP40S
FFPF20UP40S
TO-220F
-
-
50
1. Cathode
2. Anode
1. Cathode 2. Anode
TO-220F-2L


Podobny numer części - FFPF20UP40S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
122Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DN THINKISEMI-FFPF20UP20DN Datasheet
3Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DNTU THINKISEMI-FFPF20UP20DNTU Datasheet
4Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
More results

Podobny opis - FFPF20UP40S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
D20LC40 SHINDENGEN-D20LC40 Datasheet
391Kb / 6P
   Super Fast Recovery Rectifiers(400V 20A)
S20LC40 SHINDENGEN-S20LC40 Datasheet
374Kb / 6P
   Super Fast Recovery Rectifiers(400V 20A)
logo
DONGGUAN YOU FENG WEI E...
2CL01 YFWDIODE-2CL01 Datasheet
585Kb / 3P
   UItra-Fast recovery high voltage diodes
logo
Pan Jit International I...
FR2504 PANJIT-FR2504 Datasheet
121Kb / 3P
   25A / 400V FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
UF5A400D FS-UF5A400D Datasheet
255Kb / 2P
   5A,400V ULTRA-FAST RECTIFIER
logo
Frontier Electronics.
UF200-005 FRONTIER-UF200-005 Datasheet
132Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
UFF200-005 FRONTIER-UFF200-005 Datasheet
131Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
SFF200-03 FRONTIER-SFF200-03 Datasheet
130Kb / 2P
   20A SUPER FAST RECOVERY RECTIFIER
logo
Formosa MS
UFF200-005 FORMOSA-UFF200-005 Datasheet
264Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SFR10S40AD ETC-SFR10S40AD Datasheet
420Kb / 5P
   10A, 400V ULTRA-FAST RECOVERY RECTIFIER
Rev.: 1.4
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com