Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCX028 Arkusz danych(PDF) 5 Page - Sony Corporation

Numer części LCX028
Szczegółowy opis  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028 Arkusz danych(HTML) 5 Page - Sony Corporation

  LCX028 Datasheet HTML 1Page - Sony Corporation LCX028 Datasheet HTML 2Page - Sony Corporation LCX028 Datasheet HTML 3Page - Sony Corporation LCX028 Datasheet HTML 4Page - Sony Corporation LCX028 Datasheet HTML 5Page - Sony Corporation LCX028 Datasheet HTML 6Page - Sony Corporation LCX028 Datasheet HTML 7Page - Sony Corporation LCX028 Datasheet HTML 8Page - Sony Corporation LCX028 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
– 5 –
LCX028AMT
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supplies. In addition,
protective resistors are added to all pins except the video signal inputs. All pins are connected to VSS with a
high resistor of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (Resistance value: typ.)
Input
LC
Level conversion circuit
(single-phase input)
2.5k
2.5k
VVDD
Input
Level conversion circuit
(single-phase input)
250
250
HVDD
Input
Level conversion circuit
(single-phase input)
2.5k
2.5k
HVDD
Input
HVDD
250
250
250
250
Level conversion circuit
(2-phase input)
Input
HVDD
Signal line
(1) VSIG1 to VSIG12, PSIG
(2) HCK1, HCK2
(3) RGT
(4) HST
(5) PCG, VCK
(6) VST, BLK, ENB, DWN, VB1, VB2
(7) COM, COML, COMR
1M
Input
1M
1M
1M
Level conversion circuit
(single-phase input)
250
250
VVDD
Input
1M
1M
1M
VVDD
1M
Input
1M
(8) HVDD, VSSG, VVDD
are all Vss.
Level conversion circuit
(2-phase input)


Podobny numer części - LCX028

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

Podobny opis - LCX028

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com