Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD2P40 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQD2P40
Szczegółowy opis  400V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2P40 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQD2P40_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD2P40_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2008 Fairchild Semiconductor International
Rev. A3, October 2008
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
-V
SD , Source-Drain Voltage [V]
24
68
10
10
-1
10
0
150℃
25℃
-55℃
※ Notes :
1. V
DS = -50V
2. 250μs Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-6.0 V
Bottom :
-5.5 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
024
68
10
12
0
2
4
6
8
10
12
V
DS = -200V
V
DS = -80V
V
DS = -320V
※ Note : I
D = -2.0 A
Q
G
, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
500
600
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
※ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS
, Drain-Source Voltage [V]
01
234
56
4
6
8
10
12
※ Note : T
J = 25
V
GS
= - 20V
V
GS
= - 10V
-I
D , Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Podobny numer części - FQD2P40_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
More results

Podobny opis - FQD2P40_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
KSMU4P40 KERSEMI-KSMU4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB2P40 FAIRCHILD-FQB2P40 Datasheet
586Kb / 9P
   400V P-Channel MOSFET
FQPF4P40 FAIRCHILD-FQPF4P40 Datasheet
635Kb / 8P
   400V P-Channel MOSFET
FQP2P40 FAIRCHILD-FQP2P40 Datasheet
576Kb / 8P
   400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB4P40 KEXIN-KQB4P40 Datasheet
63Kb / 2P
   400V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD4P40 KERSEMI-KSMD4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQP4P40 FAIRCHILD-FQP4P40 Datasheet
637Kb / 8P
   400V P-Channel MOSFET
FQD4P40TF FAIRCHILD-FQD4P40TF Datasheet
764Kb / 9P
   400V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com