Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD7N10L Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQD7N10L
Szczegółowy opis  100V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N10L Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQD7N10L_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD7N10L_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2008 Fairchild Semiconductor International
Rev. A3, October 2008
FQD7N10L / FQU7N10L
100V LOGIC N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the
avalanche and commutation modes. These devices are
well suited for low voltage applications such as high
efficiency switching DC/DC converters, and DC motor
control.
Features
• 5.8A, 100V, RDS(on) = 0.35Ω @VGS = 10 V
• Low gate charge ( typical 4.6 nC)
• Low Crss ( typical 12 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• Low level gate drive requirments allowing
direct operation from logic drives
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD7N10L / FQU7N10L
Units
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
5.8
A
- Continuous (TC = 100°C)
3.67
A
IDM
Drain Current
- Pulsed
(Note 1)
23.2
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
50
mJ
IAR
Avalanche Current
(Note 1)
5.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
25
W
- Derate above 25°C
0.2
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
5.0
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
G
S
D
G
S
D
October 2008
QFET
®
• RoHS Compliant


Podobny numer części - FQD7N10L_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD7N10LTF FAIRCHILD-FQD7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
logo
Guangdong Youtai Semico...
FQD7N10LTM UMW-FQD7N10LTM Datasheet
1Mb / 6P
   100V N-Channel MOSFET
More results

Podobny opis - FQD7N10L_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com