Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75852G3 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części HUFA75852G3
Szczegółowy opis  75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75852G3 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  HUFA75852G3_11 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
10
500
1000
1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
100
1000
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
10
0
50
100
150
200
23
4
5
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
50
100
150
200
01
2
3
6
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS =5V
VGS = 20V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 7V
VGS = 6V
45
0.4
1.0
1.6
2.2
2.8
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
160
0.4
0.8
1.0
1.2
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.6
160
HUFA75852G3_F085
©2011 Fairchild Semiconductor Corporation
HUFA75852G3_F085 Rev. C1


Podobny numer części - HUFA75852G3_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results

Podobny opis - HUFA75852G3_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75852G3 FAIRCHILD-HUF75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
Intersil Corporation
RFG75N05E INTERSIL-RFG75N05E Datasheet
53Kb / 6P
   75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com