Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75852G3 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części HUFA75852G3
Szczegółowy opis  75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75852G3 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  HUFA75852G3_11 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
160
100
1000
10000
20000
0.1
1.0
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
50
100
150
200
250
VDD = 75V
Qg, GATE CHARGE (nC)
ID = 75A
ID = 30A
WAVEFORMS IN
DESCENDING ORDER:
HUFA75852G3_F085
©2011 Fairchild Semiconductor Corporation
HUFA75852G3_F085 Rev. C1


Podobny numer części - HUFA75852G3_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results

Podobny opis - HUFA75852G3_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75852G3 FAIRCHILD-HUF75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
Intersil Corporation
RFG75N05E INTERSIL-RFG75N05E Datasheet
53Kb / 6P
   75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com