Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75852G3 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części HUFA75852G3
Szczegółowy opis  75A, 150V, 0.016 Ohm, N-Channel, UltraFET짰 Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75852G3 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  HUFA75852G3_11 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75852G3_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
150
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 140V, VGS = 0V
-
-
1
µA
VDS = 135V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 75A, VGS = 10V (Figure 9)
-
0.013
0.016
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-247
-
-
0.30
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
30
oC/W
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 75V, ID = 75A
VGS = 10V,
RGS = 2.0Ω
(Figures 18, 19)
-
-
260
ns
Turn-On Delay Time
td(ON)
-22-
ns
Rise Time
tr
-
151
-
ns
Turn-Off Delay Time
td(OFF)
-82-
ns
Fall Time
tf
-
107
-
ns
Turn-Off Time
tOFF
-
-
285
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 75V,
ID = 75A,
Ig(REF) = 1.0mA
(Figures 13, 16, 17)
-
400
480
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
215
260
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
15
17.5
nC
Gate to Source Gate Charge
Qgs
-25-
nC
Gate to Drain “Miller” Charge
Qgd
-66-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
7690
-
pF
Output Capacitance
COSS
-
1650
-
pF
Reverse Transfer Capacitance
CRSS
-
535
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 75A
-
-
1.25
V
ISD = 35A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 75A, dISD/dt = 100A/µs
-
-
260
ns
Reverse Recovered Charge
QRR
ISD = 75A, dISD/dt = 100A/µs
-
-
1830
nC
HUFA75852G3_F085
©2011 Fairchild Semiconductor Corporation
HUFA75852G3_F085 Rev. C1
Ω


Podobny numer części - HUFA75852G3_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results

Podobny opis - HUFA75852G3_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75852G3 FAIRCHILD-HUF75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
Intersil Corporation
RFG75N05E INTERSIL-RFG75N05E Datasheet
53Kb / 6P
   75A, 50V, 0.008 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com