Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA78XXE Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części KA78XXE
Szczegółowy opis  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXE Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  KA78XXE_12 Datasheet HTML 1Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 2Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 3Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 4Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 5Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 6Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 7Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 8Page - Fairchild Semiconductor KA78XXE_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.5
Electrical Characteristics (KA7805E/KA7805ER)
Refer to test circuit, 0°C < TJ < 125°C, IO = 500mA, VI = 10V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
1. Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
2. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
KA7805E/ER
Unit
Min.
Typ.
Max.
VO
Output Voltage
TJ = +25°C
4.8
5.0
5.2
V
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 7V to 20V
4.75
5.0
5.25
Regline
Line Regulation(1)
TJ = +25°CVO = 7V to 25V
4.0
100
mV
VI = 8V to 12V
1.6
50
Regload
Load Regulation(1)
TJ = +25°CIO = 5.0mA to1.5A
9
100
mV
IO = 250mA to 750mA
4
50
IQ
Quiescent Current
TJ = +25°C–
5.0
8.0
mA
∆IQ
Quiescent Current Change
IO = 5mA to 1.0A
0.03
0.5
mA
VI = 7V to 25V
0.3
1.3
∆VO/∆T
Output Voltage Drift(2)
IO = 5mA
-0.8
mV/
°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C–
42
µV/VO
RR
Ripple Rejection(2)
f = 120Hz, VO = 8V to 18V
62
73
dB
VDrop
Dropout Voltage
IO = 1A, TJ = +25°C–
2
V
rO
Output Resistance(2)
f = 1kHz
15
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C–
230
mA
IPK
Peak Current(2)
TJ = +25°C–
2.2
A


Podobny numer części - KA78XXE_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_06 Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Podobny opis - KA78XXE_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com