Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA7912A Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KA7912A
Szczegółowy opis  3-Terminal 1A Negative Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7912A Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KA7912A_12 Datasheet HTML 1Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 2Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 3Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 4Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 5Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 6Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 7Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 8Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8, -9, -12, -15, -18 , -24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Compensation
Description
The KA79XX/KA79XXA series of three-terminal negative
regulators are available in TO-220 package and with
several fixed output voltages, making them useful in a wide
range of applications. Each type employs internal current
limiting, thermal shutdown and safe operating area
protection, making it essentially indestructible.
TO-220 (Dual Gauge)
1. GND 2. Input 3. Output
1
Vin
Internal Block Digram
VOLTAGE
REFERENCE
+
-
PROTECTION
CIRCUITRY
R1
R2
Rsc
GND
I1
I2
Out
In
Q1
Q2
Output
Input
KA79XX/KA79XXA
3-Terminal 1A Negative Voltage Regulator


Podobny numer części - KA7912A_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

Podobny opis - KA7912A_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com