Zakładka z wyszukiwarką danych komponentów |
|
Z0107MA Arkusz danych(PDF) 3 Page - Apollo Electron Co., Ltd. |
|
Z0107MA Arkusz danych(HTML) 3 Page - Apollo Electron Co., Ltd. |
3 / 5 page 3/5 TN1A60 -50 0 50 100 150 0.1 1 10 V + GT1 V _ GT1 V + GT3 V _ GT3 Junction Temperature [ oC] 10 0 10 1 10 2 0 2 4 6 8 10 12 60Hz 50Hz Time (cycles) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 40 50 60 70 80 90 100 110 120 130 θ = 90 o θ = 150 o θ = 60 o θ = 30 o θ = 180 o θ = 120 o RMS On-StateCurrent [A] 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.0 0.3 0.6 0.9 1.2 1.5 θ = 90 o θ = 150 o θ = 60 o θ = 30 o θ = 180 o θ = 120 o RMSOn-State Current [A] 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 10 -1 10 0 10 1 T J = 125 oC T J = 25 oC On-State Voltage [V] 10 0 10 1 10 2 10 3 10 -1 10 0 10 1 V GD(0.2V) 25 ℃ I + GT3 25 ℃ I + GT1 I _ GT1 I _ GT3 P G(AV) (0.1W) P GM (1W) V GM (6V) Gate Current [mA] Fig 1. Gate Characteristics Fig 2. On-State Voltage Fig 3. On State Current vs. Maximum Power Dissipation Fig 4. On State Current vs. Allowable Case Temperature Fig 5. Surge On-State Current Rating ( Non-Repetitive ) Fig 6. Gate Trigger Voltage vs. Junction Temperature θ θ 2 π 360° π θ : Conduction Angle θ θ 2 π 360° π θ : Conduction Angle |
Podobny numer części - Z0107MA |
|
Podobny opis - Z0107MA |