Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MA Arkusz danych(PDF) 1 Page - Apollo Electron Co., Ltd.

Numer części Z0107MA
Szczegółowy opis  Sensitive Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Strona internetowa  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

Z0107MA Arkusz danych(HTML) 1 Page - Apollo Electron Co., Ltd.

  Z0107MA Datasheet HTML 1Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 2Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 3Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 4Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 5Page - Apollo Electron Co., Ltd. Z0107MA Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
3
2
Absolute Maximum Ratings ( Tj = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
Sine wave, 50 to 60 Hz
800
V
IT(RMS)
R.M.S On-State Current
Tj = 110°C, Full Sine Wave
1.0
A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
10
A
I2t
I2t for Fusing
tp = 10ms
0.41
A2s
PGM
Peak Gate Power Dissipation
1
W
PG(AV)
Average Gate Power Dissipatio
0.1
W
IGM
Peak Gate Current
1
A
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
May., 2010. Rev.1
1/6
TN1A80
Sensitive Triac
Features
Repetitive Peak Off-State Voltage : 800V
R.M.S On-State Current ( IT(RMS)= 1 A )
High Commutation dv/dt
General Description
This device is suitable for low power AC switching application, phase control application such as fan
speed and temperature modulation control, lighting control and static switching relay where high sensi-
tivity is required in all four quadrants.
IT(RMS) = 1A
ITSM = 10A
VDRM = 800V
TO-92
copyright @ Apollo Electron Co., Ltd. All rights reserved.
3.T2
2.Gate
1.T1
Symbol
▼▲
This device may substitute for Z0107MA, BT131, BCR1AM-12 series.


Podobny numer części - Z0107MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0107MA PHILIPS-Z0107MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
ON Semiconductor
Z0107MA ONSEMI-Z0107MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Podobny opis - Z0107MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Apollo Electron Co., Lt...
TN1A60 APOLLOELECTRON-TN1A60 Datasheet
1Mb / 5P
   Sensitive Triac
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com