Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744230900 Arkusz danych(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744230900
Szczegółowy opis  WE-CNSW SMD Common Mode Line Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744230900 Arkusz danych(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744230900 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744230900 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744230900 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744230900 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744230900 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744230900 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2.1
2.0
1.0
REV
2012-07-17
2012-07-17
2010-09-30
DATE
SSt
SSt
SBa
BY
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CNSW SMD Common Mode Line Filter
Order.- No.
744230900
SIZE
A4
Size: 0603
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning solvents which are used to clean the application might damage or change the characteristics of the component.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be su-
stained.
•All products are supposed to be used before the end of the period of 12 months based on the transfer of title, if not a 100% solderability
can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-CNSW
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744230900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744230121 WURTH-744230121 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230181 WURTH-744230181 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230220 WURTH-744230220 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230251 WURTH-744230251 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230450 WURTH-744230450 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
More results

Podobny opis - 744230900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744230450 WURTH-744230450 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235510 WURTH-744235510 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230181 WURTH-744230181 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230220 WURTH-744230220 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230251 WURTH-744230251 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235220 WURTH-744235220 Datasheet
1Mb / 7P
   WE-CNSW SMD Common Mode Line Filter
744235801 WURTH-744235801 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744230121 WURTH-744230121 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744235110 WURTH-744235110 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com