Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744355182 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744355182
Szczegółowy opis  WE-HCI SMD Flat Wire High Current Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744355182 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744355182 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744355182 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744355182 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744355182 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744355182 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744355182 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5.0
4.0
REV
2012-09-03
2008-01-01
DATE
SSt
ME
BY
BD
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-HCI SMD Flat Wire High Current
Inductor
Order.- No.
744355182
SIZE
A4
Size: 1365
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated inductance
Rated current
Saturation current
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 100 mV
100 kHz/ 100 mV/ 27.0 A
∆T = 50 K
|ΔL/L| < 30%
@ 20°C
L
LR
IR
Isat
RDC
fres
Value
0.82
0.64
27.0
35.0
0.9
72
Unit
µH
µH
A
A
MHz
Tol.
± 20%
typ.
max.
typ.
±10%
typ.
E General information:
It is recommended that the temperature of the part does not exceed 155°C
under worst case operating conditions.
Ambient temperature: -40°C to +105°C (refering to IR)
Operating temperature: -40°C to +155°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744355182

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
744355182 TI1-744355182 Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
More results

Podobny opis - 744355182

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7443552280 WURTH-7443552280 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443550320 WURTH-7443550320 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551151 WURTH-7443551151 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551331 WURTH-7443551331 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443557760 WURTH-7443557760 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310024 WURTH-744310024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310055 WURTH-744310055 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310115 WURTH-744310115 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744313025 WURTH-744313025 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314024 WURTH-744314024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314110 WURTH-744314110 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com