Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75839PW Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LC75839PW
Szczegółowy opis  1/4 and 1/3-Duty General-Purpose LCD Display Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75839PW Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75839PW Datasheet HTML 3Page - Sanyo Semicon Device LC75839PW Datasheet HTML 4Page - Sanyo Semicon Device LC75839PW Datasheet HTML 5Page - Sanyo Semicon Device LC75839PW Datasheet HTML 6Page - Sanyo Semicon Device LC75839PW Datasheet HTML 7Page - Sanyo Semicon Device LC75839PW Datasheet HTML 8Page - Sanyo Semicon Device LC75839PW Datasheet HTML 9Page - Sanyo Semicon Device LC75839PW Datasheet HTML 10Page - Sanyo Semicon Device LC75839PW Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LC75839PW
No.A1953-7/27
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1 to S4/P4
S5 to S50
S52
1 to 4
5 to 50
55
Segment outputs for displaying the display data transferred by serial data input.
The S1/P1 to S4/P4 pins can be used as general-purpose output ports under serial
data control.
-
O
OPEN
COM1 to COM3
COM4/S51
54 to 52
51
Common driver outputs
The frame frequency is fo[Hz].
The COM4/S51 pin can be used as a segment output in 1/3 duty.
-
O
OPEN
S53/OSCI
60
Segment output. This pin can also be used as the external clock input pin when the
external clock operating mode is selected by control data.
-
I/O
OPEN
CE
62
H
I
CL
63
I
GND
DI
64
Serial data transfer inputs. Must be connected to the controller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
-
I
INH
61
Display off control input
• INH = low (VSS) ...Display forced off
S1/P1 to S4/P4 = low (VSS)
(These pins are forcibly set to the general-purpose output port
function and held at the VSS level.)
S5 to S50, S52=low (VSS)
COM1 to COM3=low (VSS)
COM4/S51=low (VSS)
S53/OSCI=low (VSS)
(These pins are forcibly set to the segment output port function
and held at the VSS level.)
Stops the internal oscillator.
Inhibits external clock input.
• INH = high (VDD)...Display on
Enables the internal oscillator circuit.
(Internal oscillator operating mode)
Enables external clock input.
(External clock operating mode)
However, serial data transfer is possible when the display is forced off.
L
I
GND
VDD1
57
Used to apply the LCD drive 2/3 bias voltage externally.
-
I
OPEN
VDD2
58
Used to apply the LCD drive 1/3 bias voltage externally.
-
I
OPEN
VDD
56
Power supply pin. A power voltage of 4.5 to 6.0V must be applied to this pin.
-
-
-
VSS
59
Ground pin. Must be connected to ground.
-
-
-


Podobny numer części - LC75839PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW-H ONSEMI-LC75839PW-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWH-H ONSEMI-LC75839PWH-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWS-H ONSEMI-LC75839PWS-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Podobny opis - LC75839PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com