Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744766012 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744766012
Szczegółowy opis  SMD-RF-Choke WE-GF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744766012 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744766012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
Typ / Type L
A
4,2 ± 0,2
mm
B
4,5 ± 0,3
mm
C
3,2 ± 0,4
mm
D
1,0 ref.
mm
E
3,2 ± 0,2
mm
F
1,2
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
Güte Q /
Q factor
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Eigenres.-Frequenz /
self-res.-fequency
33%
+20°C
Ferrit / ferrite
Betriebstemp. / operating temperature: -40°C - + 105°C
Umgebungstemp. / ambient temperature: -40°C - + 85°C
It is recommended that the temperature of the part does
not exceed 105°C under worst case operating conditions.
MST
Version 4
04-10-11
AG/LF/MST
Version 3
03-12-04
MST
Version 2
02-03-27
JH
Version 1
00-12-06
Name
Änderung / modification
Datum / date
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec. :
B Elektrische Eigenschaften / electrical properties :
E Testbedingungen / test conditions :
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
F Werkstoffe & Zulassungen / material & approvals :
Anschlusspad/ Terminal
Gehäuse/ Housing
Cu/Sn
UL94-V0
http://www.we-online.de
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2004-10-11
max.
mA
Datum / date
...........................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
80
SRF
MHz
Basismaterial / base material:
G Eigenschaften / general specifications :
Kunde / customer :
744766012
SMD-HF-Entstördrossel WE-GF
SMD-RF-Choke WE-GF
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions :
0,55
±10%
1,20
µH
HP 8722 D für/for SRF
Q
50
IDC
D Prüfgeräte / test equipment :
HP 4291 B für/for L und/and Q
HP 4338 B für/for RDC
HP 4284 A für/for IDC
430
...........................................................................
..................................................................................
..................................................................................
Würth Elektronik
7,96 MHz
7,96 MHz
typ.
RDC
min.
L
max.
A
B
D
e
F
A
B
D
D
E
F
D
[mm]
1,5
3,0
1,5
RoHS
compliant
LF
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general
electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed
before use. It is essential to give consideration when to install a protective circuit at the design stage.
SEITE 1 VON 1


Podobny numer części - 744766012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74476601 WURTH-74476601 Datasheet
126Kb / 1P
   SMD-RF-Choke WE-GF
744766015 WURTH-744766015 Datasheet
133Kb / 1P
   SMD-RF-Choke WE-GF
744766018 WURTH-744766018 Datasheet
133Kb / 1P
   SMD-RF-Choke WE-GF
More results

Podobny opis - 744766012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447640027 WURTH-7447640027 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
74476402 WURTH-74476402 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
74476630 WURTH-74476630 Datasheet
127Kb / 1P
   SMD-RF-Choke WE-GF
744764004 WURTH-744764004 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
744764005 WURTH-744764005 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
744764027 WURTH-744764027 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
744764115 WURTH-744764115 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
744764133 WURTH-744764133 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
744764156 WURTH-744764156 Datasheet
124Kb / 1P
   SMD-RF-Choke WE-GF
744766082 WURTH-744766082 Datasheet
127Kb / 1P
   SMD-RF-Choke WE-GF
744766115 WURTH-744766115 Datasheet
126Kb / 1P
   SMD-RF-Choke WE-GF
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com