Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ665 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części 2SJ665
Szczegółowy opis  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ665 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  2SJ665 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ665 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ665 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ665 Datasheet HTML 4Page - Sanyo Semicon Device 2SJ665 Datasheet HTML 5Page - Sanyo Semicon Device 2SJ665 Datasheet HTML 6Page - Sanyo Semicon Device 2SJ665 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SJ665
No.8590-1/7
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : TO-263-2L
10.0
5.3
1.27
0.8
2.54
2.54
0.254
4.5
8.0
1.3
0.5
12
3
4
Product & Package Information
• Package
: TO-263-2L
• JEITA, JEDEC
: SC-83, TO-263
• Minimum Packing Quantity : 800 pcs./reel
Packing Type: DL
Marking
Electrical Connection
Features
ON-resistance RDS(on)1=59mΩ(typ.)
Input capacitance Ciss=4200pF (typ.)
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--100
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--27
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--108
A
Allowable Power Dissipation
PD
Tc=25°C
65
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
48
mJ
Avalanche Current *2
IAV
--27
A
Note :
*1 VDD=--30V, L=100μH, IAV=--27A (Fig.1)
*2 L≤100μH, single pulse
Package Dimensions
unit : mm (typ)
7535-001
71112 TKIM TC-00002779/N1805QA MSIM TB-00001098
SANYO Semiconductors
DATA SHEET
2SJ665
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Ordering number : EN8590A
2SJ665-DL-1E
1
3
2, 4
J665
LOT No.
DL


Podobny numer części - 2SJ665

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
logo
ON Semiconductor
2SJ665 ONSEMI-2SJ665 Datasheet
297Kb / 7P
   P-Channel Power MOSFET
July, 2013
2SJ665-DL-1E ONSEMI-2SJ665-DL-1E Datasheet
297Kb / 7P
   P-Channel Power MOSFET
July, 2013
More results

Podobny opis - 2SJ665

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com